Electronic Components Datasheet Search
  English  ▼

X  

AD5370 Datasheet(PDF) 17 Page - Analog Devices

Part # AD5370
Description  40-Channel, 16-Bit, Serial Input, Voltage-Output DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5370 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5370 Datasheet HTML 13Page - Analog Devices AD5370 Datasheet HTML 14Page - Analog Devices AD5370 Datasheet HTML 15Page - Analog Devices AD5370 Datasheet HTML 16Page - Analog Devices AD5370 Datasheet HTML 17Page - Analog Devices AD5370 Datasheet HTML 18Page - Analog Devices AD5370 Datasheet HTML 19Page - Analog Devices AD5370 Datasheet HTML 20Page - Analog Devices AD5370 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Preliminary Technical Data
AD5370
Rev. P
rF | Page 17 of 24
TOGGLE MODE
The AD5370 has two X2 registers per channel, X2A and X2B,
which can be used to switch the DAC output between two levels
with ease. This approach greatly reduces the overhead required
by a micro-processor which would otherwise have to write to
each channel individually. When the user writes to either the
X1A ,X2A, M or C registers the calculation engine will take a
certain amount of time to calculate the appropriate X2A or X2B
values. If the application only requires that the DAC output
switch between two levels, such as a data generator, any method
which reduces the amount of calculation time encountered is
advantageous. For the data generator example the user need
only set the high and low levels for each channel once, by
writing to the X1A and X1B registers. The values of X2A and
X2B will be calculated and stored in their respective registers.
The calculation delay therefore only happens during the setup
phase, i.e. when programming the initial values. To toggle a
DAC output between the two levels it is only required to write
to the relevant A/B Select Register to set the MUX2 register bit.
Furthermore, since there are 8 MUX2 control bits per register it
is possible to update eight channels with a single write. Table 14
shows the bits that correspond to each DAC output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com