Electronic Components Datasheet Search
  English  ▼

X  

AD5370 Datasheet(PDF) 12 Page - Analog Devices

Part # AD5370
Description  40-Channel, 16-Bit, Serial Input, Voltage-Output DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5370 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5370 Datasheet HTML 8Page - Analog Devices AD5370 Datasheet HTML 9Page - Analog Devices AD5370 Datasheet HTML 10Page - Analog Devices AD5370 Datasheet HTML 11Page - Analog Devices AD5370 Datasheet HTML 12Page - Analog Devices AD5370 Datasheet HTML 13Page - Analog Devices AD5370 Datasheet HTML 14Page - Analog Devices AD5370 Datasheet HTML 15Page - Analog Devices AD5370 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Preliminary Technical Data
AD5370
Rev. P
rF | Page 12 of 24
FUNCTIONAL DESCRIPTION
DAC ARCHITECTURE—GENERAL
The AD5370 contains 40 DAC channels and 40 output
amplifiers in a single package. The architecture of a single DAC
channel consists of a 16-bit resistor-string DAC followed by an
output buffer amplifier. The resistor-string section is simply a
string of resistors, each of value R, from VREF to AGND. This
type of architecture guarantees DAC monotonicity. The 16-bit
binary digital code loaded to the DAC register determines at
which node on the string the voltage is tapped off before being
fed into the output amplifier. The output amplifier multiplies
the DAC out voltage by 4. The output span is 12 V with a 3 V
reference and 20 V with a 5 V reference.
CHANNEL GROUPS
The 40 DAC channels of the AD5370 are arranged into five
groups of 8 channels. The eight DACs of Group 0 derive their
reference voltage from VREF0, those of Group 1 from VREF0,
while the remaining groups derive their reference voltage from
VREF1. Each group has its own signal ground pin
Table 6. AD5370 Registers
Register Name
Word Length (Bits)
Description
X1A (group)(channel)
16
Input data register A, one for each DAC channel.
X1B (group) (channel)
16
Input data register B, one for each DAC channel.
M (group) (channel)
16
Gain trim registers, one for each DAC channel.
C (group) (channel)
16
Offset trim registers, one for each DAC channel.
X2A (group)(channel)
16
Output data register A, one for each DAC channel. These registers store the final,
calibrated DAC data after gain and offset trimming. They are not readable, nor directly
writable.
X2B (group) (channel)
16
Output data register B, one for each DAC channel. These registers store the final,
calibrated DAC data after gain and offset trimming. They are not readable, nor directly
writable.
DAC (group) (channel)
Data registers from which the DACs take their final input data. The DAC registers are
updated from the X2A or X2B registers. They are not readable, nor directly writable.
OFS0
14
Offset DAC 0 data register, sets offset for Group 0.
OFS1
14
Offset DAC 1 data register, sets offset for Group 1.
Control
3
Bit 2 = A/B. 0 = global selection of X1A input data registers. 1 = X1B registers.
Bit 1 = Enable Temp Shutdown. 0 = disable temp shutdown. 1 = enable.
Bit 0 = Soft Power Down. 0 = soft power up. 1 = soft power down.
A/B Select 0
8
Each bit in this register determines if a DAC in Group 0 takes its data from register
X2A or X2B (0 = X2A, 1 = X2B)
A/B Select 1
8
Each bit in this register determines if a DAC in Group 1 takes its data from register
X2A or X2B (0 = X2A, 1 = X2B)
A/B Select 2
8
Each bit in this register determines if a DAC in Group 2 takes its data from register
X2A or X2B (0 = X2A, 1 = X2B)
A/B Select 3
8
Each bit in this register determines if a DAC in Group 3 takes its data from register
X2A or X2B (0 = X2A, 1 = X2B)
A/B Select 4
8
Each bit in this register determines if a DAC in Group 4 takes its data from register
X2A or X2B (0 = X2A, 1 = X2B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com