Electronic Components Datasheet Search
  English  ▼

X  

AD5665R Datasheet(PDF) 23 Page - Analog Devices

Part # AD5665R
Description  Quad, 12-/14-/16-Bit nanoDACs with 5ppm/째C On-chip Ref, I2C Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5665R Datasheet(HTML) 23 Page - Analog Devices

Back Button AD5665R Datasheet HTML 19Page - Analog Devices AD5665R Datasheet HTML 20Page - Analog Devices AD5665R Datasheet HTML 21Page - Analog Devices AD5665R Datasheet HTML 22Page - Analog Devices AD5665R Datasheet HTML 23Page - Analog Devices AD5665R Datasheet HTML 24Page - Analog Devices AD5665R Datasheet HTML 25Page - Analog Devices AD5665R Datasheet HTML 26Page - Analog Devices AD5665R Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
Preliminary Technical Data
AD5625R/AD5645R/AD5665R, AD5625/AD5665
Rev. PrA. | Page 23 of 32
R/W
0
SCL
SDA
0
0
1
1
A1
A0
DB23 DB 22 D B21 DB 20 DB1 9 DB 18 D B17 DB 16
ACK. BY
MASTER
START BY
MASTER
FRAME 1
SLAVE ADDRESS
FRAME 2
COMMAND BYTE
19
1
ACK. BY
AD56x5
9
DB7
D B 6
DB 5
D B4
D B3
DB 2
D B1
DB 0
NO ACK.
STOP BY
MASTER
19
9
SCL
(CONTINUED)
SDA
(CONTINUED)
DB15 DB14 D B13 DB12 DB11 DB1 0 DB9
DB8
ACK. BY
MASTER
1
FRAME 3
MOST SIGNIFICANT
DATA BYTE
FRAME 4
LEAST SIGNIFICANT
DATA BYTE
Figure 54. I2C Read Operation(10-Pin Package)
R/W
0
SCL
SDA
0
1
A1
A0
DB23 DB 22 DB2 1 DB20 DB 19 DB1 8 DB1 7 DB 16
ACK. BY
MASTER
START BY
MASTER
FRAME 1
SLAVE ADDRESS
FRAME 2
COMMAND BYTE
19
1
ACK. BY
AD56x5
9
DB 7
D B 6
DB5
DB4
DB3
DB 2
DB1
DB0
NO ACK.
STOP BY
MASTER
19
9
SCL
(CONTINUED)
SDA
(CONTINUED)
DB15 D B14 DB 13 DB 12 DB1 1 DB1 0 D B9
DB8
ACK. BY
MASTER
1
FRAME 3
MOST SIGNIFICANT
DATA BYTE
FRAME 4
LEAST SIGNIFICANT
DATA BYTE
A3
A2
Figure 55. I2C Read Operation(14-Pin Package)
HIGH SPEED MODE
Some models offer high-speed serial communication with a
clock frequency of 3.4 MHz. See the Ordering Information on
the back page for a full list of models.
High speed mode communication commences after the master
addresses all devices connected to the bus with the Master Code
00001XXX to indicate that a high speed mode transfer is to
begin. No device connected to the bus is permitted to
acknowledge the high speed master code, therefore, the code is
followed by a no acknowledge. The master must then issue a
repeated start followed by the device address. The selected
device then acknowledges its address. All devices continue to
operate in high speed mode until the master issues a stop
condition. When the stop condition is issued, the devices
return to standard/fast mode. The part will also exit high speed
mode if
CLR is activated while part is in high speed mode..
0
SCL
SDA
0
0
1
X
X
0
0
0
1
1
A1
A0
START BY
MASTER
HS-MODE MASTER CODE
SERIAL BUS ADDRESS BYTE*
19
1
9
ACK. BY
AD56x5
0
X
NACK
SR
R/W
FAST MODE
HIGH-SPEED MODE
*NOTE: ADDRESS SHOWN IS FOR 10-PIN DEVICE. ADDRESS FOR 14-PIN DEVICE IS 001(A3)(A2)(A1)(A0)
Figure 56. Placing the AD56x5 in High-Speed Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com