Electronic Components Datasheet Search
  English  ▼

X  

AD5665R Datasheet(PDF) 27 Page - Analog Devices

Part # AD5665R
Description  Quad, 12-/14-/16-Bit nanoDACs with 5ppm/째C On-chip Ref, I2C Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5665R Datasheet(HTML) 27 Page - Analog Devices

Back Button AD5665R Datasheet HTML 23Page - Analog Devices AD5665R Datasheet HTML 24Page - Analog Devices AD5665R Datasheet HTML 25Page - Analog Devices AD5665R Datasheet HTML 26Page - Analog Devices AD5665R Datasheet HTML 27Page - Analog Devices AD5665R Datasheet HTML 28Page - Analog Devices AD5665R Datasheet HTML 29Page - Analog Devices AD5665R Datasheet HTML 30Page - Analog Devices AD5665R Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
Preliminary Technical Data
AD5625R/AD5645R/AD5665R, AD5625/AD5665
Rev. PrA. | Page 27 of 32
Power-down modes
0
1
1 kΩ pulldown to GND
1
0
100 kΩ pulldown to GND
1
1
Three-state, high impedance
RESISTOR
NETWORK
VOUT
RESISTOR
STRING DAC
POWER-DOWN
CIRCUITRY
AMPLIFIER
Figure 64. Output Stage During Power-Down
The bias generator, the output amplifier, the resistor string, and
other associated linear circuitry are shutdown when power-
down mode is activated. However, the contents of the DAC
register are unaffected when in power-down. The time to exit
power-down is typically 4 µs for VDD = 5 V and for VDD = 3 V.
Figure 63 shows the format of the power up/down command.
Note that, during the power up/down command, the DAC
address bits A2 – A0 are ignored.
POWER-ON-RESET AND SOFTWARE RESET
The AD56x5 contains a power-on reset circuit that controls the
output voltage during power-up. The 10-pin version of the
device powers up to 0V. The 14-pin version has a Power On
Reset (POR) pin that allows the output voltage to be selected. By
connecting the POR pin low, the AD56x5 output powers up to 0
V; by connecting the POR pin high, the AD56x5 output powers
up to midscale. The output remains powered up at this level
until a valid write sequence is made to the DAC. This is useful
in applications where it is important to know the state of the
output of the DAC while it is in the process of powering up.
Any events on LDAC or CLR during power-on reset are
ignored.
There is also a software reset function. Command 101 is the
software reset command. The software reset command contains
two reset modes that are software programmable by setting bit
DB0 in the input shift register.
Table 13 shows how the state of the bit corresponds to the
software reset modes of operation of the devices. Figure 64
shows the contents of the input shift register during the
software reset mode of operation.
Table 13. Software Reset Modes for the
AD5625R/AD5645R/AD5665R, AD5625/AD5665
DB0
Registers reset to zero
0
DAC register
Input shift register
1 (Power-On Reset)
DAC register
Input shift register
LDAC register
Power-down register
Internal reference setup register
CLEAR PIN (CLR)
The 14-pin version of the AD56x5 has an asynchronous clear
input. The CLR input is falling edge sensitive. While CLR is
low, all LDAC pulses are ignored. When CLR is activated, zero
scale is loaded to all input and DAC registers. This clears the
output to 0 V. The part exits clear code mode on the 24th
falling edge of the next write to the part. If CLR is activated
during a write sequence, the write is aborted. If CLR is
activated during high speed mode the part will exit high speed
mode to fast mode.
Figure 65. Reset Command
INTERNAL REFERENCE SETUP (-R VERSIONS)
The on-chip reference is off at power-up by default. It can be
turned on by sending the reference setup command (111) and
setting DB0 in the input shift register. Table 14 shows how the
state of the bit corresponds to the mode of operation.
Table 14. Reference Setup Command
(DB0)
Action
0
Internal reference off (default)
1
Internal reference on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com