Electronic Components Datasheet Search
  English  ▼

X  

AD5665R Datasheet(PDF) 3 Page - Analog Devices

Part # AD5665R
Description  Quad, 12-/14-/16-Bit nanoDACs with 5ppm/째C On-chip Ref, I2C Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5665R Datasheet(HTML) 3 Page - Analog Devices

  AD5665R Datasheet HTML 1Page - Analog Devices AD5665R Datasheet HTML 2Page - Analog Devices AD5665R Datasheet HTML 3Page - Analog Devices AD5665R Datasheet HTML 4Page - Analog Devices AD5665R Datasheet HTML 5Page - Analog Devices AD5665R Datasheet HTML 6Page - Analog Devices AD5665R Datasheet HTML 7Page - Analog Devices AD5665R Datasheet HTML 8Page - Analog Devices AD5665R Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Preliminary Technical Data
AD5625R/AD5645R/AD5665R, AD5625/AD5665
Rev. PrA. | Page 3 of 32
Specifications: AD5625R/AD5645R/AD5665R, AD5625/AD5665
VDD = 2.7 V to 5.5 V; RL = 2 kΩ to GND; CL = 200 pF to GND; VREFIN = VDD; all specifications TMIN to TMAX, unless otherwise noted.
Table 2.
B Grade1
Parameter
Min
Typ
Max
Unit
Conditions/Comments
STATIC PERFORMANCE2
AD5665R/AD5665
Resolution
16
Bits
Relative Accuracy
±8
±16
LSB
Differential Nonlinearity
±1
LSB
Guaranteed monotonic by design
AD5645R
Resolution
14
Bits
Relative Accuracy
±2
±4
LSB
Differential Nonlinearity
±0.5
LSB
Guaranteed monotonic by design
AD5625R/AD5625
Resolution
12
Bits
Relative Accuracy
±0.5
±1
LSB
Differential Nonlinearity
±0.25
LSB
Guaranteed monotonic by design
Zero-Code Error
2
10
mV
All zeroes loaded to DAC register
Offset Error
±1
±10
mV
Full-Scale Error
−0.1
±1
% of FSR
All ones loaded to DAC register
Gain Error
±1.5
% of FSR
Zero-Code Error Drift
±2
µV/°C
Gain Temperature
±2.5
ppm
Of FSR/°C
DC Power Supply Rejection
−100
dB
DAC code = midscale ; VDD = 5V ± 10%
DC Crosstalk (External
Reference)
10
µV
Due to full-scale output change,
10
µV/mA
Due to load current change
5
µV
Due to powering down (per channel)
DC Crosstalk (Internal
Reference)
25
µV
Due to full-scale output change,
RL = 2 kΩ to GND or VDD
20
µV/mA
Due to load current change
10
µV
Due to powering down (per channel)
OUTPUT CHARACTERISTICS3
Output Voltage Range
0
VDD
V
Capacitive Load Stability
2
nF
RL = ∞
10
nF
RL = 2 kΩ
DC Output Impedance
0.5
Ω
Short-Circuit Current
30
mA
VDD = 5 V
Power-Up Time
4
µs
Coming out of power-down mode; VDD = +5 V
REFERENCE INPUTS
Reference Current
170
200
µA
VREF = VDD = 5.5 V
Reference Input Range
0.75
VDD
V
Reference Input Impedance
26
kΩ
REFERENCE OUTPUT (LFCSP
PACKAGE)
Output Voltage
1.247
1.253
V
At ambient
Reference TC3
±10
ppm/°C
Output Impedance
7.5
kΩ
REFERENCE OUTPUT (TSSOP
PACKAGE)
Output Voltage
2.495
2.505
V
At ambient
Reference TC3
±5
±10
ppm/°C
Output Impedance
7.5
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com