Electronic Components Datasheet Search
  English  ▼

X  

AD5665R Datasheet(PDF) 25 Page - Analog Devices

Part # AD5665R
Description  Quad, 12-/14-/16-Bit nanoDACs with 5ppm/째C On-chip Ref, I2C Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5665R Datasheet(HTML) 25 Page - Analog Devices

Back Button AD5665R Datasheet HTML 21Page - Analog Devices AD5665R Datasheet HTML 22Page - Analog Devices AD5665R Datasheet HTML 23Page - Analog Devices AD5665R Datasheet HTML 24Page - Analog Devices AD5665R Datasheet HTML 25Page - Analog Devices AD5665R Datasheet HTML 26Page - Analog Devices AD5665R Datasheet HTML 27Page - Analog Devices AD5665R Datasheet HTML 28Page - Analog Devices AD5665R Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
Preliminary Technical Data
AD5625R/AD5645R/AD5665R, AD5625/AD5665
Rev. PrA. | Page 25 of 32
C2
C1
C0
A2
A1
A0
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D2
D3
D1
D0
S
R
COMMAND
DAC ADDRESS
DAC DATA
DAC OR COMMAND DATA
COMMAND BYTE
DATA HIGH BYTE
DATA LOW BYTE
DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
X
X
Figure 60. AD5645R Input Shift Register (14-Bit DAC)
C2
C1
C0
A2
A1
A0
D11
D10
D9
D8
D7
D6
D5
D4
D2
D3
D1
D0
S
R
COMMAND
DAC ADDRESS
DAC DATA
DAC OR COMMAND DATA
COMMAND BYTE
DATA HIGH BYTE
DATA LOW BYTE
DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
X
X
X
X
Figure 61. AD5625R/AD5625 Input Shift Register (12-Bit DAC)
WRITE COMMANDS AND LDAC
Table 10.
Command Definition
C2
C1
C0
Command
0
0
0
Write to input register n
0
0
1
Update DAC register n
0
1
0
Write to input register n, update all (software
LDAC)
0
1
1
Write to and update DAC channel n
1
0
0
Power up/power down
1
0
1
Reset
1
1
0
LDAC register setup
1
1
1
Internal reference setup (on/off )
Table 10 is the truth table for the command bits. The DAC or
DACs on which a command is performed is/are defined by n,
which is the DAC address shown in table 11. Some commands
required additional data which is defined in the low data byte.
Table 11. DAC Address Command
A2
A1
A0
ADDRESS (n)
0
0
0
DAC A
0
0
1
DAC B
0
1
0
DAC C
0
1
1
DAC D
1
1
1
All DACs
The AD5625R/AD5645R/AD5665R, AD5625/AD5665 DACs
have double-buffered interfaces consisting of two banks of
registers: input registers and DAC registers. The input registers
are connected directly to the input shift register and the digital
code is transferred to the relevant input register on completion
of a valid write sequence. The DAC registers contain the digital
code used by the resistor strings.
The double-buffered interface is useful if the user requires
simultaneous updating of all DAC outputs. For example, the
user could write to three of the input registers individually and
then write to the remaining input register and, updating all
DAC registers, the outputs will update simultaneously.
The AD56x5 has a powerful set of commands for writing to and
updating the DACs. The 14-pin version also has a hardware
load DAC (LDAC) pin. It is important to understand how these
commands and the LDAC pin operate and interact with each
other, in order to ensure that the desired result is obtained.
The first four commands are used for writing to and updating
the DACs.
Command 000 writes to input register n, without updating the
DAC registers, where n is the input register defined by the A2 ---
A0 bits in the command byte. Depending on the value of A2 ---
A0, this can be any one of the input registers or all four input
registers, as defined b y the DAC address.
Command 001 does not write to the input registers, but
(depending on the value of A2 --- A0) updates a DAC register or
all four DAC registers.
Command 010 writes to input register n, and updates all DAC
registers.
Command 011 writes to input register n and updates DAC
register n. Since n can be all DACs (A2 --- A0 = 111) commands
010 and 011 are equivalent if A2 --- A0 = 111.
LDAC SETUP
In addition to the write commands, the LDAC setup command
(110) can also determine which DACs are updated at the end of
a write operation (this command does not update the DACs
when it is implemented). It also affects the operation of the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com