Electronic Components Datasheet Search
  English  ▼

X  

AD5666 Datasheet(PDF) 23 Page - Analog Devices

Part # AD5666
Description  Quad, 16-Bit DAC with 5 ppm/C On-Chip Reference in 14-Lead TSSOP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5666 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD5666 Datasheet HTML 19Page - Analog Devices AD5666 Datasheet HTML 20Page - Analog Devices AD5666 Datasheet HTML 21Page - Analog Devices AD5666 Datasheet HTML 22Page - Analog Devices AD5666 Datasheet HTML 23Page - Analog Devices AD5666 Datasheet HTML 24Page - Analog Devices AD5666 Datasheet HTML 25Page - Analog Devices AD5666 Datasheet HTML 26Page - Analog Devices AD5666 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
AD5666
Rev. A | Page 23 of 28
DAISY-CHAINING
For systems that contain several DACs, or where the user
wishes to read back the DAC contents for diagnostic purposes,
the SDO pin can be used to daisy-chain several devices together
and provide serial readback.
The daisy-chain mode is enabled through a software executable
DCEN command. Command 1000 is reserved for this DCEN
function (see Table 7). The daisy-chain mode is enabled by
setting a bit (DB1) in the DCEN register. The default setting is
standalone mode, where Bit DCEN = 0. Table 9 shows how the
state of the bits corresponds to the mode of operation of the
device.
The SCLK is continuously applied to the input shift register
when SYNC is low. If more than 32 clock pulses are applied, the
data ripples out of the shift register and appears on the SDO
line. This data is clocked out on the rising edge of SCLK and is
valid on the falling edge. By connecting this line to the DIN
input on the next DAC in the chain, a multi-DAC interface is
constructed. Each DAC in the system requires 32 clock pulses;
therefore, the total number of clock cycles must equal 32N,
where N is the total number of devices in the chain.
When the serial transfer to all devices is complete, SYNC is
taken high. This prevents any further data from being clocked
into the input shift register.
If SYNC is taken high before 32 clocks are clocked into the part,
it is considered an invalid frame and the data is discarded.
The serial clock can be continuous or a gated clock. A con-
tinuous SCLK source can be used only if the SYNC can be held
low for the correct number of clock cycles. In gated clock mode,
a burst clock containing the exact number of clock cycles must
be used, and SYNC must be taken high after the final clock to
latch the data.
INTERNAL REFERENCE REGISTER
The on-board reference is off at power-up by default. This
allows the use of an external reference if the application requires
it. The on-board reference can be turned on/off by a user-
programmable REF register by setting Bit DB0 high or low (see
Table 9). Command 1000 is reserved for this internal REF set-
up command (see Table 7). Table 11 shows how the state of the
bits in the input shift register corresponds to the mode of
operation of the device.
POWER-ON RESET
The AD5666 contains a power-on reset circuit that controls the
output voltage during power-up. By connecting the POR pin
low, the AD5666 output powers up to 0 V; by connecting the
POR pin high, the AD5666 output powers up to midscale. The
output remains powered up at this level until a valid write
sequence is made to the DAC. This is useful in applications
where it is important to know the state of the output of the DAC
while it is in the process of powering up. There is also a software
executable reset function that resets the DAC to the power-on
reset code. Command 0111 is reserved for this reset function
(see Table 7). Any events on LDAC or CLR during power-on
reset are ignored.
POWER-DOWN MODES
The AD5666 contains four separate modes of operation.
Command 0100 is reserved for the power-down function (see
Table 7). These modes are software-programmable by setting
two bits, Bit DB19 and Bit DB18, in the control register. Table 11
shows how the state of the bits corresponds to the mode of
operation of the device. Any or all DACs (DAC D to DAC A)
can be powered down to the selected mode by setting the cor-
responding four bits (DB7, DB6, DB1, DB0) to 1. See Table 12
for the contents of the input shift register during power-down/
power-up operation. When using the internal reference, only
all channel power-down to the selected modes is supported.
When both bits are set to 0, the part works normally with its
normal power consumption of 700 μA at 5 V. However, for the
three power-down modes, the supply current falls to 400 nA at
5 V (200 nA at 3 V). Not only does the supply current fall, but
the output stage is also internally switched from the output of
the amplifier to a resistor network of known values. This has the
advantage that the output impedance of the part is known while
the part is in power-down mode. There are three different
options. The output is connected internally to GND through
either a 1 kΩ or a 100 kΩ resistor, or it is left open-circuited
(three-state). The output stage is illustrated in Figure 44.
The bias generator, output amplifier, resistor string, and other
associated linear circuitry are shut down when the power-down
mode is activated. The internal reference is powered down only
when all channels are powered down. However, the contents of
the DAC register are unaffected when in power-down. The time
to exit power-down is typically 4 μs for VDD = 5 V and for
VDD = 3 V (see Figure 28).
Any combination of DACs can be powered up by setting PD1
and PD0 to 0 (normal operation). The output powers up to the
value in the input register (LDAC Low) or to the value in the
DAC register before powering down (LDAC high).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com