Electronic Components Datasheet Search
  English  ▼

X  

AD5666 Datasheet(PDF) 24 Page - Analog Devices

Part # AD5666
Description  Quad, 16-Bit DAC with 5 ppm/C On-Chip Reference in 14-Lead TSSOP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5666 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD5666 Datasheet HTML 20Page - Analog Devices AD5666 Datasheet HTML 21Page - Analog Devices AD5666 Datasheet HTML 22Page - Analog Devices AD5666 Datasheet HTML 23Page - Analog Devices AD5666 Datasheet HTML 24Page - Analog Devices AD5666 Datasheet HTML 25Page - Analog Devices AD5666 Datasheet HTML 26Page - Analog Devices AD5666 Datasheet HTML 27Page - Analog Devices AD5666 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
AD5666
Rev. A | Page 24 of 28
Table 9. Daisy-Chain Enable/Internal Reference Register
DCEN (DB1)
REF (DB0)
Action
0
0
Standalone mode, reference off (default)
0
1
Standalone mode, reference on
1
0
DCEN mode, reference off
1
1
DCEN mode, reference on
Table 10. 32-Bit Input Shift Register Contents for Daisy-Chain Enable and Reference Set-Up Function
MSB
LSB
DB31 to DB28
DB27
DB26
DB25
DB24
DB23
DB22
DB21
DB20
DB19 to DB2
DB1
DB0
X
1
0
0
0
X
X
X
X
X
1/0
1/0
Don’t cares
Command bits (C3 to C0)
Address bits (A3 to A0)
Don’t cares
DCEN/REF
register
Table 11. Modes of Operation
DB9
DB8
Operating Mode
0
0
Normal operation
Power-down modes
0
1
1 kΩ to GND
1
0
100 kΩ to GND
1
1
Three-state
Table 12. 32-Bit Input Shift Register Contents for Power-Up/Power-Down Function
MSB
LSB
DB31 to
DB28
DB27
DB26
DB25
DB24
DB23
DB22
DB21
DB20
DB19 to
DB10
DB9
DB8
DB7 to
DB4
DB3
DB2
DB1
DB0
X
0
1
0
0
X
X
X
X
X
PD1
PD0
X
DAC D
DAC C
DAC B
DAC A
Don’t
cares
Command bits (C2 to C0)
Address bits (A3 to A0)—
don’t cares
Don’t
cares
Power-down
mode
Don’t
cares
Power-down/power-up channel selection—
set bit to 1 to select
RESISTOR
NETWORK
VOUT
RESISTOR
STRING DAC
POWER-DOWN
CIRCUITRY
AMPLIFIER
Figure 44. Output Stage During Power-Down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com