Electronic Components Datasheet Search
  English  ▼

X  

ADV7180 Datasheet(PDF) 39 Page - Analog Devices

Part # ADV7180
Description  10-Bit, 4 x Oversampling SDTV Video Decoder
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7180 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADV7180 Datasheet HTML 35Page - Analog Devices ADV7180 Datasheet HTML 36Page - Analog Devices ADV7180 Datasheet HTML 37Page - Analog Devices ADV7180 Datasheet HTML 38Page - Analog Devices ADV7180 Datasheet HTML 39Page - Analog Devices ADV7180 Datasheet HTML 40Page - Analog Devices ADV7180 Datasheet HTML 41Page - Analog Devices ADV7180 Datasheet HTML 42Page - Analog Devices ADV7180 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 112 page
background image
ADV7180
Rev. A | Page 39 of 112
YCMN[2:0], Luma Comb Mode NTSC, Address 0x38 [2:0]
Table 52. YCMN Function
YCMN[2:0]
Description
Configuration
0xx
(default)
Adaptive comb mode
Adaptive 3-line (three
taps) luma comb
100
Disable luma comb
Use low-pass/notch
filter; see the Y Shaping
Filter section
101
Fixed luma comb (top
lines of line memory)
Fixed 2-line (two taps)
luma comb
110
Fixed luma comb (all
lines of line memory)
Fixed 3-line (three taps)
luma comb
111
Fixed luma comb
(bottom lines of line
memory)
Fixed 2-line (two taps)
luma comb
PAL Comb Filter Settings
Used for PAL B/G/H/I/D, PAL M, PAL Combinational N,
PAL 60, and NTSC 4.43 CVBS inputs.
PSFSEL[1:0], Split Filter Selection PAL, Address 0x19 [1:0]
The PSFSEL[1:0] control selects how much of the overall signal
bandwidth is fed to the combs. A wide split filter selection
eliminates dot crawl, but shows imperfections on diagonal lines.
The opposite is true for selecting a narrow bandwidth split filter.
Table 53. PSFSEL Function
PSFSEL[1:0]
Description
00
Narrow
01 (default)
Medium
10
Wide
11
Widest
CTAPSP[1:0], Chroma Comb Taps PAL, Address 0x39 [7:6]
Table 54. CTAPSP Function
CTAPSP[1:0]
Description
00
Do not use
01
PAL chroma comb adapts five lines (three taps)
to three lines (two taps); cancels cross luma only
10
PAL chroma comb adapts five lines (five taps) to
three lines (three taps); cancels cross luma and
hue error less well
11 (default)
PAL chroma comb adapts five lines (five taps) to
four lines (four taps); cancels cross luma and hue
error well
CCMP[2:0], Chroma Comb Mode PAL, Address 0x39 [5:3]
Table 55. CCMP Function
CCMP[2:0]
Description
Configuration
Adaptive 3-line chroma
comb for CTAPSP = 01
Adaptive 4-line chroma
comb for CTAPSP = 10
0xx
(default)
Adaptive comb
mode
Adaptive 5-line chroma
comb for CTAPSP = 11
100
Disable chroma
comb
Fixed 2-line chroma
comb for CTAPSP = 01
Fixed 3-line chroma
comb for CTAPSP = 10
101
Fixed chroma comb
(top lines of line
memory)
Fixed 4-line chroma
comb for CTAPSP = 11
Fixed 3-line chroma
comb for CTAPSP = 01
Fixed 4-line chroma
comb for CTAPSP = 10
110
Fixed chroma comb
(all lines of line
memory)
Fixed 5-line chroma
comb for CTAPSP = 11
Fixed 2-line chroma
comb for CTAPSP = 01
Fixed 3-line chroma
comb for CTAPSP = 10
111
Fixed chroma comb
(bottom lines of line
memory)
Fixed 4-line chroma
comb for CTAPSP = 11
YCMP[2:0], Luma Comb Mode PAL, Address 0x39 [2:0]
Table 56. YCMP Function
YCMP[2:0]
Description
Configuration
0xx
(default)
Adaptive comb mode
Adaptive five lines (three
taps) luma comb
100
Disable luma comb
Use low-pass/notch filter;
see the Y Shaping Filter
section.
101
Fixed luma comb
(top lines of line
memory)
Fixed three lines (two taps)
luma comb
110
Fixed luma comb
(all lines of line
memory)
Fixed five lines (three taps)
luma comb
111
Fixed luma comb
(bottom lines of line
memory)
Fixed three lines (two taps)
luma comb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com