Electronic Components Datasheet Search
  English  ▼

X  

ADV7180 Datasheet(PDF) 13 Page - Analog Devices

Part # ADV7180
Description  10-Bit, 4 x Oversampling SDTV Video Decoder
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7180 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADV7180 Datasheet HTML 9Page - Analog Devices ADV7180 Datasheet HTML 10Page - Analog Devices ADV7180 Datasheet HTML 11Page - Analog Devices ADV7180 Datasheet HTML 12Page - Analog Devices ADV7180 Datasheet HTML 13Page - Analog Devices ADV7180 Datasheet HTML 14Page - Analog Devices ADV7180 Datasheet HTML 15Page - Analog Devices ADV7180 Datasheet HTML 16Page - Analog Devices ADV7180 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 112 page
background image
ADV7180
Rev. A | Page 13 of 113
64-LEAD LQFP
64 63 62
61 60 59 58
57 56 55 54 53 52 51 50 49
47
AIN4
46
AIN3
45
NC
42
NC
43
AGND
44
NC
48
AIN5
41
NC
40
AVDD
39
VREFN
37
AGND
36
AIN2
35
AIN1
34
TEST_0
33
NC
38
VREFP
2
HS
3
DGND
4
DVDDIO
7
P9
6
P10
5
P11
1
INTRQ
8
P8
9
SFL
10
DGND
12
GPO1
13
GPO0
14
P7
15
P6
16
P5
11
DVDDIO
17 18
19
20
21 22 23
24 25 26
27 28 29 30 31 32
PIN 1
ADV7180
LQFP
TOP VIEW
(Not to Scale)
NC = NO CONNECT
Figure 8. 64-Lead LQFP Pin Configuration
Table 9. Pin Function Description for the ADV7180 LQFP-64
Pin No.
Mnemonic
Type
Function
3, 10, 24, 57
DGND
G
Digital Ground.
32, 37, 43
AGND
G
Analog Ground.
4, 11
DVDDIO
P
Digital I/O Supply Voltage (3.3 V).
23, 58
DVDD
P
Digital Supply Voltage (1.8 V).
40
AVDD
P
Analog Supply Voltage (1.8 V).
31
PVDD
P
PLL Supply Voltage (1.8 V).
38
VREFP
O
Internal Voltage Reference Output. See Figure 54 for recommended output circuitry.
39
VREFN
O
Internal Voltage Reference Output. See Figure 54 for recommended output circuitry.
35, 36, 46 to 49
AIN1 to AIN6
I
Analog Video Input Channels.
27, 28, 33, 41, 42,
44, 45, 50
NC
No Connect Pins. These pins are not connected internally.
5 to 8, 14 to 19,
25, 26, 59 to 62
P11 to P8,
P7 to P2, P1,
P0, P15 to P12
O
Video Pixel Output Port. See Table 96 for output configuration for 8-bit and 16-bit modes.
2
HS
O
Horizontal Synchronization Output Signal.
64
VS
O
Vertical Synchronization Output Signal.
63
FIELD
O
Field Synchronization Output Signal.
1
INTRQ
O
Interrupt Request Output. Interrupt occurs when certain signals are detected on the input
video (see Table 104).
53
SDATA
I/O
I2C Port Serial Data Input/Output Pin.
54
SCLK
I
I2C Port Serial Clock Input. Maximum clock rate of 400 kHz.
52
ALSB
I
This pin selects the I2C address for the ADV7180. For ALSB set to Logic 0, the address
selected for a write is 0x40; for ALSB set to logic high, the address selected is 0x42.
29
PWRDWN
I
A logic low on this pin places the ADV7180 in power-down mode.
30
ELPF
I
The recommended external loop filter must be connected to the ELPF pin, as shown in
Figure 54.
51
RESET
I
System Reset Input. Active low. A minimum low reset pulse width of 5 ms is required to reset
the ADV7180 circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com