Electronic Components Datasheet Search
  English  ▼

X  

ADV7180 Datasheet(PDF) 49 Page - Analog Devices

Part # ADV7180
Description  10-Bit, 4 x Oversampling SDTV Video Decoder
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7180 Datasheet(HTML) 49 Page - Analog Devices

Back Button ADV7180 Datasheet HTML 45Page - Analog Devices ADV7180 Datasheet HTML 46Page - Analog Devices ADV7180 Datasheet HTML 47Page - Analog Devices ADV7180 Datasheet HTML 48Page - Analog Devices ADV7180 Datasheet HTML 49Page - Analog Devices ADV7180 Datasheet HTML 50Page - Analog Devices ADV7180 Datasheet HTML 51Page - Analog Devices ADV7180 Datasheet HTML 52Page - Analog Devices ADV7180 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 112 page
background image
ADV7180
Rev. A | Page 49 of 112
ADVANCE END OF
VSYNC BY PVEND[4:0]
DELAY END OF VSYNC
BY PVEND[4:0]
VSYNC END
PVENDSIGN
ODD FIELD?
0
1
NO
YES
PVENDDELO
VSEHO
ADDITIONAL
DELAY BY
1LINE
ADVANCE BY
0.5 LINE
1
0
1
0
PVENDDELE
VSEHE
ADDITIONAL
DELAY BY
1LINE
ADVANCE BY
0.5 LINE
1
0
1
0
NOT VALID FOR USER
PROGRAMMING
PFTOGDELO, PAL Field Toggle Delay on Odd Field,
Address 0xEA [7]
When PFTOGDELO is 0 (default), there is no delay.
Setting PFTOGDELO to 1 delays the F toggle/transition on an
odd field by a line relative to PFTOG.
PFTOGDELE, PAL Field Toggle Delay on Even Field,
Address 0xEA [6]
When PFTOGDELE is 0, there is no delay.
Setting PFTOGDELE to 1 (default) delays the F toggle/transition
on an even field by a line relative to PFTOG.
PFTOGSIGN, PAL Field Toggle Sign, Address 0xEA [5]
Setting PFTOGSIGN to 0 delays the field transition. Set for user
manual programming.
Setting PFTOGSIGN to 1 (default) advances the field transition.
Not recommended for user programming.
PFTOG, PAL Field Toggle, Address 0xEA [4:0]
The default value of PFTOG is 00011, indicating the PAL field
toggle position.
For all NTSC/PAL field timing controls, the F bit in the AV
code and the field signal on the FIELD/DE pin are modified.
ADVANCE TOGGLE OF
FIELD BY PFTOG[4:0]
DELAY TOGGLE OF
FIELD BY PFTOG[4:0]
PFTOGSIGN
ODD FIELD?
0
1
NO
YES
PFTOGDELE
ADDITIONAL
DELAY BY
1LINE
1
0
PFTOGDELO
ADDITIONAL
DELAY BY
1LINE
1
0
FIELD
TOGGLE
NOT VALID FOR USER
PROGRAMMING
Figure 41. PAL Vsync End
PVENDDELO, PAL Vsync End Delay on Odd Field,
Address 0xE9 [7]
When PVENDDELO is 0 (default), there is no delay.
Setting PVENDDELO to 1 delays vsync going low on an odd
field by a line relative to PVEND.
PVENDDELE, PAL Vsync End Delay on Even Field,
Address 0xE9 [6]
When PVENDDELE is 0 (default), there is no delay.
Setting PVENDDELE to 1 delays vsync going low on an even
field by a line relative to PVEND.
PVENDSIGN, PAL Vsync End Sign, Address 0xE9 [5]
Setting PVENDSIGN to 0 (default) delays the end of vsync. Set
for user manual programming.
Figure 42. PAL F Toggle
Setting PVENDSIGN to 1 advances the end of vsync. Not
recommended for user programming.
PVEND[4:0], PAL Vsync End, Address 0xE9 [4:0]
The default value of PVEND is 10100, indicating the PAL vsync
end position.
For all NTSC/PAL vsync timing controls, both the V bit in the
AV code and the vsync on the VS pin are modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com