Electronic Components Datasheet Search
  English  ▼

X  

ISO15MDWR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ISO15MDWR
Description  ISOx5 Isolated 3.3-V Half- and Full-Duplex RS-485 Transceivers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO15MDWR Datasheet(HTML) 4 Page - Texas Instruments

  ISO15MDWR Datasheet HTML 1Page - Texas Instruments ISO15MDWR Datasheet HTML 2Page - Texas Instruments ISO15MDWR Datasheet HTML 3Page - Texas Instruments ISO15MDWR Datasheet HTML 4Page - Texas Instruments ISO15MDWR Datasheet HTML 5Page - Texas Instruments ISO15MDWR Datasheet HTML 6Page - Texas Instruments ISO15MDWR Datasheet HTML 7Page - Texas Instruments ISO15MDWR Datasheet HTML 8Page - Texas Instruments ISO15MDWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
R
RE
D
GND1
NC
V
CC2
B
A
NC
GND2
DE
V
CC1
GND1
GND2
GND2
GND1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
R
RE
D
GND1
Y
V
CC2
B
Z
A
GND2
DE
V
CC1
GND1
GND2
GND2
GND1
ISO15, ISO35, ISO15M, ISO35M
SLOS580G – MAY 2008 – REVISED MARCH 2015
www.ti.com
6 Pin Configuration and Functions
ISO35x DW Package
16-Pin SOIC
Top View
ISO15x DW Package
16-Pin SOIC
Top View
Pin Functions
PIN
I/O
DESCRIPTION
ISO15x
ISO35x
NAME
NO.
NO.
VCC1
1
1
–
Logic side power supply
GND1
2,7,8
2,7,8
–
Logic side ground; internally connected
R
3
3
O
Receiver output
RE
4
4
I
Receiver logic-low enable
DE
5
5
I
Driver logic-high enable input
D
6
6
I
Driver input
GND2
9,10,15
9,10,15
–
Bus side ground; internally connected
NC
11,14
–
–
Not connected internally; may be left floating
I/O
ISO15x: Noninverting bus input / output
A
12
14
I
ISO35x: Noninverting bus input
I/O
ISO15x: Inverting bus input / output
B
13
13
I
ISO35x: Inverting bus input
Y
–
11
O
Noninverting bus output
Z
–
12
O
Inverting bus output
VCC2
16
16
–
Bus side power supply
4
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: ISO15 ISO35 ISO15M ISO35M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com