Electronic Components Datasheet Search
  English  ▼

X  

ISO15MDWR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ISO15MDWR
Description  ISOx5 Isolated 3.3-V Half- and Full-Duplex RS-485 Transceivers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO15MDWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button ISO15MDWR Datasheet HTML 3Page - Texas Instruments ISO15MDWR Datasheet HTML 4Page - Texas Instruments ISO15MDWR Datasheet HTML 5Page - Texas Instruments ISO15MDWR Datasheet HTML 6Page - Texas Instruments ISO15MDWR Datasheet HTML 7Page - Texas Instruments ISO15MDWR Datasheet HTML 8Page - Texas Instruments ISO15MDWR Datasheet HTML 9Page - Texas Instruments ISO15MDWR Datasheet HTML 10Page - Texas Instruments ISO15MDWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
ISO15, ISO35, ISO15M, ISO35M
www.ti.com
SLOS580G – MAY 2008 – REVISED MARCH 2015
7.8 Receiver Electrical Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIT(+)
Positive-going input threshold voltage
IO = –8 mA
–20
mV
VIT(–)
Negative-going input threshold voltage
IO = 8 mA
–200
mV
Vhys
Hysteresis voltage (VIT+ – VIT–)
50
mV
IO = –8 mA
2.4
VID = 200 mV, See
VO
Output voltage
V
Figure 9
IO = 8 mA
0.4
IOZ
High-impedance state output current
VI = –7 to 12 V, Other input = 0 V
–1
1
μA
VA or VB = 12 V
50
100
-55oC
≤ TA ≤ 85
oC
VA or VB = 12 V, VCC = 0
50
100
VA or VB = 12 V
200
Other input at
IA or IB
Bus input current
85oC
≤ TA ≤ 125
oC
μA
0 V
VA or VB = 12 V, VCC = 0
200
VA or VB = –7 V
–100
–40
-55oC
≤ TA ≤ 125
oC
VA or VB = –7 V, VCC = 0
–100
–30
IIH
High-level input current, RE
VIH = 2 V
–10
μA
IIL
Low-level input current, RE
VIL = 0.8 V
–10
μA
RID
Differential input resistance
A, B
48
k
Ω
CID
Differential input capacitance
VI = 0.4 sin (4E6πt) + 0.5V, DE at 0 V
16
pF
7.9 Driver Switching Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST
MIN
TYP MAX
UNIT
CONDITIONS
tPLH, tPHL Propagation delay
340
tsk(p)
Pulse skew (|tPHL – tPLH|)
6
See Figure 6
ns
ISO15 and ISO35
120
180
300
tr, tf
Differential output signal rise time, fall time
ISO15M and ISO35M
120
180
350
tPHZ
Propagation delay, high-level-to-high-impedance output
205
See Figure 7
ns
tPZH
Propagation delay, high-impedance-to-high-level output
530
tPLZ
Propagation delay, low-level to high-impedance output
330
See Figure 8
ns
tPZL
Propagation delay, standby-to-low-level output
530
7.10 Receiver Switching Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH, tPHL
Propagation delay
ISO15x and ISO35x
100
ISO15 and ISO35
13
tsk(p)
Pulse skew (|tPHL – tPLH|)
ISO15M and
18
ISO35M
See Figure 10
ns
ISO15 and ISO35
2
4
tr, tf
Output signal rise and fall time
ISO15M and
2
6
ISO35M
tPZH,
Propagation delay, high-impedance-to-high-level output
13
25
tPZL
Propagation delay, high-impedance-to-low-level output
DE at 0 V, See Figure 11
ns
and Figure 12
tPHZ,
Propagation delay, high-level-to-high-impedance output
13
25
tPLZ
Propagation delay, low-level to high-impedance output
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ISO15 ISO35 ISO15M ISO35M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com