Electronic Components Datasheet Search
  English  ▼

X  

ISO15MDWR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ISO15MDWR
Description  ISOx5 Isolated 3.3-V Half- and Full-Duplex RS-485 Transceivers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO15MDWR Datasheet(HTML) 2 Page - Texas Instruments

  ISO15MDWR Datasheet HTML 1Page - Texas Instruments ISO15MDWR Datasheet HTML 2Page - Texas Instruments ISO15MDWR Datasheet HTML 3Page - Texas Instruments ISO15MDWR Datasheet HTML 4Page - Texas Instruments ISO15MDWR Datasheet HTML 5Page - Texas Instruments ISO15MDWR Datasheet HTML 6Page - Texas Instruments ISO15MDWR Datasheet HTML 7Page - Texas Instruments ISO15MDWR Datasheet HTML 8Page - Texas Instruments ISO15MDWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
ISO15, ISO35, ISO15M, ISO35M
SLOS580G – MAY 2008 – REVISED MARCH 2015
www.ti.com
Table of Contents
1
Features .................................................................. 1
9
Detailed Description ............................................ 13
9.1
Overview ................................................................. 13
2
Applications ........................................................... 1
9.2
Functional Block Diagrams ..................................... 13
3
Description ............................................................. 1
9.3
Feature Description................................................. 14
4
Simplified Schematics........................................... 1
9.4
Device Functional Modes........................................ 15
5
Revision History..................................................... 2
10
Application and Implementation........................ 18
6
Pin Configuration and Functions ......................... 4
10.1
Application Information.......................................... 18
7
Specifications......................................................... 5
10.2
Typical Application ............................................... 18
7.1
Absolute Maximum Ratings ..................................... 5
11
Power Supply Recommendations ..................... 20
7.2
ESD Ratings.............................................................. 5
12
Layout................................................................... 20
7.3
Recommended Operating Conditions ....................... 5
12.1
Layout Guidelines ................................................. 20
7.4
Thermal Information .................................................. 6
12.2
Layout Example .................................................... 21
7.5
Dissipation Ratings ................................................... 6
13
Device and Documentation Support ................. 22
7.6
Supply Current .......................................................... 6
13.1
Documentation Support ........................................ 22
7.7
Driver Electrical Characteristics ................................ 6
13.2
Related Links ........................................................ 22
7.8
Receiver Electrical Characteristics ........................... 7
13.3
Trademarks ........................................................... 22
7.9
Driver Switching Characteristics ............................... 7
13.4
Electrostatic Discharge Caution ............................ 22
7.10
Receiver Switching Characteristics......................... 7
13.5
Glossary ................................................................ 22
7.11
Typical Characteristics ............................................ 8
14
Mechanical, Packaging, and Orderable
8
Parameter Measurement Information .................. 9
Information ........................................................... 22
5 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision F (January 2012) to Revision G
Page
•
Added Pin Configuration and Functions section, ESD Rating table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section .............................. 1
•
Changed VDE standard to DIN V VDE V 0884-10 (VDE V 0884-10):2006-12. .................................................................... 1
Changes from Revision E (April 2010) to Revision F
Page
•
Changed the FEATURES From: 4000-Vpeak 560-Vpeak VIORM per IEC....Rev 2) To: 4000-VPK VIOTM, 560-VPKVIORM,
IEC 60747-5-2 (VDE 0884, Rev 2)......................................................................................................................................... 1
•
Changed Description From: The symmetrical isolation......interface. To; The symmetrical isolation barrier of the
device is tested to provide isolatlion of 4000 VPK per VDE and 2500 VRMS per UL and CSA between ....interface. ............. 1
•
Changed CTI From:
≥175 V To: ≥400 V................................................................................................................................. 7
•
Changed the Regulatory Information Table............................................................................................................................ 7
Changes from Revision D (March 2009) to Revision E
Page
•
Added devices ISO15M and ISO35M to the data sheet ........................................................................................................ 1
•
Changed Description - From: The ISO15 and ISO35 are qualified for use from –40°C to 85°C. To: The ISO15M and
ISO35M have extended ambient temperature ratings of –55°C to 125°C while the ISO15 and ISO35 are specified
over –40°C to 85°C................................................................................................................................................................. 1
•
Added Added Ambient Temp information in the RECOMMENDED OPERATING CONDITIONS table................................ 5
•
Added ISO15M and ISO35M to the Operating junction temperature in the RECOMMENDED OPERATING
CONDITIONS table ................................................................................................................................................................ 5
•
Changed the DRIVER ELECTRICAL table, IOZ High-impedance state output current - Test Condition VY or VZ = 12
V, VCC = 0 values From: TYP = -10 , MAX = - To: TYP = -, MAX = 90. ............................................................................... 6
•
Changed the DRIVER ELECTRICAL table, IOZ High-impedance state output current - Test Condition VY or VZ = –7
2
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: ISO15 ISO35 ISO15M ISO35M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com