| Electronic Components Datasheet Search |
|
ISO15MDWR Datasheet(PDF) 18 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
ISO15MDWR Datasheet(HTML) 18 Page - Texas Instruments |
|
18 / 32 page ![]() R D R DE RE D Y Z R D R RE DE D A B B A Z Y R D R RE DE D Z Y B A Master Slave Slave R(T) R(T) R(T) R(T) R D R RE DE D A B R D R RE DE D A B R D R RE DE D A B a) Independent driver and receiver enable signals b) Combined enable signals for use as directional control pin c) Receiver always on ISO15, ISO35, ISO15M, ISO35M SLOS580G – MAY 2008 – REVISED MARCH 2015 www.ti.com 10 Application and Implementation NOTE Information in the following applications sections is not part of the TI component specification, and TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining suitability of components for their purposes. Customers should validate and test their design implementation to confirm system functionality. 10.1 Application Information The ISO15x and ISO35x family consists of RS-485 transceivers commonly used for asynchronous data transmissions. Full-duplex implementation requires two signal pairs (four wires), and allows each node to transmit data on one pair while simultaneously receiving data on the other pair. For half-duplex transmission there is only one pair which shared for both transmission and reception of data. To eliminate line reflections, each cable end is terminated with a termination resistor, R(T), whose value matches the characteristic impedance, Z0, of the cable. This method, known as parallel termination, allows for higher data rates over longer cable length. 10.2 Typical Application Figure 18. Half-Duplex Transceiver Configurations Figure 19. Typical RS-485 Network With Full-Duplex Transceivers 18 Submit Documentation Feedback Copyright © 2008–2015, Texas Instruments Incorporated Product Folder Links: ISO15 ISO35 ISO15M ISO35M |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |