Electronic Components Datasheet Search
  English  ▼

X  

AD7324 Datasheet(PDF) 31 Page - Analog Devices

Part # AD7324
Description  4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7324 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD7324 Datasheet HTML 27Page - Analog Devices AD7324 Datasheet HTML 28Page - Analog Devices AD7324 Datasheet HTML 29Page - Analog Devices AD7324 Datasheet HTML 30Page - Analog Devices AD7324 Datasheet HTML 31Page - Analog Devices AD7324 Datasheet HTML 32Page - Analog Devices AD7324 Datasheet HTML 33Page - Analog Devices AD7324 Datasheet HTML 34Page - Analog Devices AD7324 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
AD7324
Rev. 0 | Page 31 of 36
20
0
0
1000
THROUGHPUT RATE (kHz)
18
16
14
12
10
8
6
4
2
100
200
300
400
500
600
700
800
900
20MHz SCLK
VARIABLE SCLK
VCC =5V
VDD/VSS = ±12V
TA = 25°C
INTERNAL REFERENCE
POWER VS. THROUGHPUT RATE
The power consumption of the AD7324 varies with throughput
rate. The static power consumed by the AD7324 is very low, and
a significant power savings can be achieved as the throughput
rate is reduced. Figure 49 and Figure 50 shows the power vs.
throughput rate for the AD7324 at a VCC of 3 V and 5 V,
respectively. Both plots clearly show that the average power
consumed by the AD7324 is greatly reduced as the sample
frequency is reduced. This is true whether a fixed SCLK value is
used or if it is scaled with the sampling frequency. Figure 49 and
Figure 50 show the power consumption when operating in
normal mode for a fixed 20 MHz SCLK and a variable SCLK
that scales with the sampling frequency.
12
0
0
1100
THROUGHPUT RATE (kSPS)
10
8
6
4
2
100 200 300 400 500 600 700 800 900 1000
VARIABLE SCLK
20MHz SCLK
VCC =3V
VDD/VSS = ±12V
TA = 25°C
INTERNAL REFERENCE
Figure 50. Power vs. Throughput Rate with 5 V VCC
Figure 49. Power vs. Throughput Rate with 3 V VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com