Electronic Components Datasheet Search
  English  ▼

X  

AD7329 Datasheet(PDF) 26 Page - Analog Devices

Part # AD7329
Description  1 MSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7329 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD7329 Datasheet HTML 22Page - Analog Devices AD7329 Datasheet HTML 23Page - Analog Devices AD7329 Datasheet HTML 24Page - Analog Devices AD7329 Datasheet HTML 25Page - Analog Devices AD7329 Datasheet HTML 26Page - Analog Devices AD7329 Datasheet HTML 27Page - Analog Devices AD7329 Datasheet HTML 28Page - Analog Devices AD7329 Datasheet HTML 29Page - Analog Devices AD7329 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
AD7329
Rev. 0 | Page 26 of 40
CONTROL REGISTER
The control register is used to select the analog input channel, analog input configuration, reference, coding, and power mode. The
control register is a write-only, 12-bit register. Data loaded on the DIN line corresponds to the AD7329 configuration for the next
conversion. If the sequence register is being used, data should be loaded into the control register after the range registers and the sequence
register have been initialized. The bit functions of the control register are shown in Table 11 (the power-up status of all bits is 0).
MSB
LSB
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Write
Register
Select 1
Register
Select 2
ADD2
ADD1
ADD0
Mode 1
Mode 0
PM1
PM0
Coding
Ref
Seq1
Seq2
Weak/
Three-State
0
Table 11. Control Register Details
Bit
Mnemonic
Description
12, 11, 10
ADD2, ADD1,
ADD0
These three channel address bits are used to select the analog input channel for the next conversion if the
sequencer is not being used. If the sequencer is being used, the three channel address bits are used to
select the final channel in a consecutive sequence.
9, 8
Mode 1, Mode 0
These two mode bits are used to select the configuration of the eight analog input pins, VIN0 to VIN7. These
pins are used in conjunction with the channel address bits. On the AD7329, the analog inputs can be
configured as eight single-ended inputs, four fully differential input pairs, four pseudo differential inputs,
or seven pseudo differential inputs (see Table 12).
7, 6
PM1, PM0
The power management bits are used to select different power mode options on the AD7329 (see Table 13).
5
Coding
This bit is used to select the type of output coding the AD7329 uses for the next conversion result. If the
coding = 0, the output coding is twos complement. If the coding = 1, the output coding is straight binary.
When operating in sequence mode, the output coding for each channel is the value written to the coding
bit during the last write to the control register.
4
Ref
The reference bit is used to enable or disable the internal reference. If Ref = 0, the external reference is
enabled and used for the next conversion and the internal reference is disabled. If Ref = 1, the internal ref-
erence is used for the next conversion. When operating in sequence mode, the reference used for each
channel is the value written to the Ref bit during the last write to the control register.
3, 2
Seq1/Seq2
The Sequence 1 and Sequence 2 bits are used to control the operation of the sequencer (see Table 14).
1
Weak/Three-State
This bit selects the state of the DOUT line at the end of the current serial transfer. If the bit is set to 1, the
DOUT line is weakly driven to Channel Address Bit ADD2 of the following conversion. If this bit is set to 0,
DOUT returns to three-state at the end of the serial transfer (see the Serial Interface section).
The eight analog input channels can be configured as seven pseudo differential analog inputs, four pseudo differential inputs, four true
differential input pairs, or eight single-ended analog inputs.
Table 12. Analog Input Configuration Selection
Mode 1 = 1, Mode 0 = 1
Mode 1 = 1, Mode 0 = 0
Mode 1 = 0, Mode 0 =1
Mode 1 = 0, Mode 0 = 0
Channel Address Bits
7 Pseudo Differential I/Ps
4 Fully Differential I/Ps
4 Pseudo Differential I/Ps
8 Single-Ended I/Ps
ADD2
ADD1
ADD0
VIN+
VIN−
VIN+
VIN−
VIN+
VIN−
VIN+
VIN−
0
0
0
VIN0
VIN7
VIN0
VIN1
VIN0
VIN1
VIN0
AGND
0
0
1
VIN1
VIN7
VIN0
VIN1
VIN0
VIN1
VIN1
AGND
0
1
0
VIN2
VIN7
VIN2
VIN3
VIN2
VIN3
VIN2
AGND
0
1
1
VIN3
VIN7
VIN2
VIN3
VIN2
VIN3
VIN3
AGND
1
0
0
VIN4
VIN7
VIN4
VIN5
VIN4
VIN5
VIN4
AGND
1
0
1
VIN5
VIN7
VIN4
VIN5
VIN4
VIN5
VIN5
AGND
1
1
0
VIN6
VIN7
VIN6
VIN7
VIN6
VIN7
VIN6
AGND
1
1
1
Temperature indicator
VIN6
VIN7
VIN6
VIN7
VIN7
AGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com