Electronic Components Datasheet Search
  English  ▼

X  

FFSP2065B Datasheet(PDF) 4 Page - ON Semiconductor

Part # FFSP2065B
Description  Silicon Carbide (SiC) Schottky Diode – EliteSiC, 20 A, 650 V, D2, TO-220-2L
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FFSP2065B Datasheet(HTML) 4 Page - ON Semiconductor

  FFSP2065B Datasheet HTML 1Page - ON Semiconductor FFSP2065B Datasheet HTML 2Page - ON Semiconductor FFSP2065B Datasheet HTML 3Page - ON Semiconductor FFSP2065B Datasheet HTML 4Page - ON Semiconductor FFSP2065B Datasheet HTML 5Page - ON Semiconductor FFSP2065B Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
FFSP2065B
www.onsemi.com
4
TYPICAL CHARACTERISTICS TJ = 25°C UNLESS OTHERWISE NOTED (CONTINUED)
Figure 7. Capacitance Stored Energy
VR, REVERSE VOLTAGE (V)
10
−6
10
−5
10
−4
10
−3
10
−2
10
−1
1
0.001
0.01
0.1
1
2
t, RECTANGULAR PULSE DURATION (sec)
Figure 8. Junction−to−Case Transient Thermal Response Curve
0
100
200
300
400
500
600 650
0
10
15
20
DUTY CYCLE−DESCENDING ORDER
SINGLE PULSE
D = 0.2
D = 0.1
D = 0.05
D = 0.02
D = 0.01
5
D = 0.5
TEST CIRCUIT AND WAVEFORMS
Figure 9. Unclamped Inductive Switching Test Circuit & Waveform
L = 0.5 mH



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com