Electronic Components Datasheet Search
  English  ▼

X  

FFSP2065B Datasheet(PDF) 3 Page - ON Semiconductor

Part # FFSP2065B
Description  Silicon Carbide (SiC) Schottky Diode – EliteSiC, 20 A, 650 V, D2, TO-220-2L
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FFSP2065B Datasheet(HTML) 3 Page - ON Semiconductor

  FFSP2065B Datasheet HTML 1Page - ON Semiconductor FFSP2065B Datasheet HTML 2Page - ON Semiconductor FFSP2065B Datasheet HTML 3Page - ON Semiconductor FFSP2065B Datasheet HTML 4Page - ON Semiconductor FFSP2065B Datasheet HTML 5Page - ON Semiconductor FFSP2065B Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
FFSP2065B
www.onsemi.com
3
TYPICAL CHARACTERISTICS TJ = 25°C UNLESS OTHERWISE NOTED
Figure 1. Forward Characteristics
Figure 2. Reverse Characteristics
Figure 3. Current Derating
Figure 4. Power Dissipation
Figure 5. Capacitance Charge vs. Reverse Voltage
Figure 6. Capacitance vs. Reverse Voltage
VF, FORWARD VOLTAGE (V)
TC, CASE TEMPERATURE (5C)
VR, REVERSE VOLTAGE (V)
VR, REVERSE VOLTAGE (V)
TC, CASE TEMPERATURE (5C)
0.0
0
10
20
40
100
10
−9
10
−8
10
−7
10
−6
25
50
75
100
125
150
175
0
50
25
50
75
100
125
150
175
0
60
0
100
200
300
400
500
600 650
0
30
60
90
0.1
1
10
100
650
50
100
1000
VR, REVERSE VOLTAGE (V)
200
300
400
500
600 650
100
0.5
1.0
1.5
2.0
2.5
3.0
150
200
120
180
5000
TJ = 175°C
TJ = 125°C
TJ = −55°C
TJ = 75°C
TJ = 25°C
TJ = 175°C
TJ = 125°C
TJ = −55°C
TJ = 75°C
TJ = 25°C
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 0.7
D = 1
10
−5
30



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com