Electronic Components Datasheet Search
  English  ▼

X  

FFSP2065B Datasheet(PDF) 1 Page - ON Semiconductor

Part # FFSP2065B
Description  Silicon Carbide (SiC) Schottky Diode – EliteSiC, 20 A, 650 V, D2, TO-220-2L
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FFSP2065B Datasheet(HTML) 1 Page - ON Semiconductor

  FFSP2065B Datasheet HTML 1Page - ON Semiconductor FFSP2065B Datasheet HTML 2Page - ON Semiconductor FFSP2065B Datasheet HTML 3Page - ON Semiconductor FFSP2065B Datasheet HTML 4Page - ON Semiconductor FFSP2065B Datasheet HTML 5Page - ON Semiconductor FFSP2065B Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DATA SHEET
www.onsemi.com
© Semiconductor Components Industries, LLC, 2019
January, 2023 − Rev. 2
1
Publication Order Number:
FFSP2065B/D
Silicon Carbide (SiC)
Schottky Diode – EliteSiC,
20 A, 650 V, D2, TO-220-2L
FFSP2065B
Silicon Carbide (SiC) Schottky Diodes use a completely new
technology that provides superior switching performance and higher
reliability compared to Silicon. No reverse recovery current,
temperature independent switching characteristics, and excellent
thermal performance sets Silicon Carbide as the next generation of
power semiconductor. System benefits include highest efficiency,
faster operating frequency, increased power density, reduced EMI, and
reduced system size and cost.
Features
• Max Junction Temperature 175°C
• Avalanche Rated 94 mJ
• High Surge Current Capacity
• Positive Temperature Coefficient
• Ease of Paralleling
• No Reverse Recovery / No Forward Recovery
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Applications
• General Purpose
• SMPS, Solar Inverter, UPS
• Power Switching Circuit
ABSOLUTE MAXIMUM RATINGS
(TC = 25°C, Unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM Peak Repetitive Reverse Voltage
650
V
EAS
Single Pulse Avalanche Energy (Note 1)
94
mJ
IF
Continuous Rectified Forward Current @
TC < 141°C
20
A
Continuous Rectified Forward Current @
TC < 135°C
22.5
IF, Max Non−Repetitive Peak
Forward Surge Current
TC = 25°C, 10 ms
882
A
TC = 150°C, 10 ms
798
IF, SM Non−Repetitive
Forward Surge Current
Half−Sine Pulse,
tp = 8.3 ms
84
A
Ptot
Power Dissipation
TC = 25°C
150
W
TC = 150°C
25
TJ, TSTG Operating and Storage Temperature Range −55 to +175
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. EASof 94 mJ is based on starting TJ= 25°C, L = 0.5 mH, IAS= 19.4 A, V = 50 V.
MARKING DIAGRAM
ORDERING INFORMATION
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
TO−220−2LD
CASE 340BB
ELECTRICAL CONNECTION
1. Cathode
2. Anode
1
2
FFSP2065B
= Specific Device Code
A
= Assembly Location
Y
= Year
WW
= Work Week
ZZ
= Assembly Lot Code
FFSP
2065B
AYWWZZ


Similar Part No. - FFSP2065B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FFSP2065A ONSEMI-FFSP2065A Datasheet
294Kb / 6P
Silicon Carbide Schottky Diode 650 V, 20 A
January, 2020 ??Rev. 2
More results

Similar Description - FFSP2065B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FFSB0665B ONSEMI-FFSB0665B_V01 Datasheet
334Kb / 6P
Silicon Carbide (SiC) Schottky Diode – EliteSiC, 6A, 650 V, D2, D2PAK-2L
January, 2023 - Rev. 2
FFSB0865B ONSEMI-FFSB0865B_V01 Datasheet
335Kb / 6P
Silicon Carbide (SiC) Schottky Diode – EliteSiC, 8A, 650 V, D2, D2PAK-2L
January, 2023 - Rev. 2
FFSH20120A ONSEMI-FFSH20120A_V01 Datasheet
332Kb / 6P
Silicon Carbide (SiC) Schottky Diode – EliteSiC, 20 A, 1200 V, D1, TO-247-2L
January, 2023 - Rev. 3
NDSH10170A ONSEMI-NDSH10170A Datasheet
304Kb / 6P
Silicon Carbide (SiC) Schottky Diode – EliteSiC,10 A, 1700 V, D1, TO-247-2L
January, 2023 - Rev. 3
FFSH15120A ONSEMI-FFSH15120A_V01 Datasheet
367Kb / 6P
Silicon Carbide (SiC) Schottky Diode – EliteSiC, 15 A, 1200 V, D1, TO-247-2L
January, 2023 - Rev. 3
NDSH25170A ONSEMI-NDSH25170A_V01 Datasheet
357Kb / 6P
Silicon Carbide (SiC) Schottky Diode – EliteSiC, 25 A, 1700 V, D1, TO-247-2L
January, 2023 - Rev. 3
NDSH10120C-F155 ONSEMI-NDSH10120C-F155 Datasheet
292Kb / 6P
Silicon Carbide (SiC) Schottky Diode – EliteSiC, 10 A, 1200 V, D3, TO-247-2L
November, 2023 - Rev. 0
NDSH20120C-F155 ONSEMI-NDSH20120C-F155 Datasheet
292Kb / 6P
Silicon Carbide (SiC) Schottky Diode – EliteSiC, 20 A, 1200 V, D3, TO-247-2L
November, 2023 - Rev. 0
NDSH30120C-F155 ONSEMI-NDSH30120C-F155 Datasheet
321Kb / 6P
Silicon Carbide (SiC) Schottky Diode – EliteSiC, 30 A, 1200 V, D3, TO-247-2L
November, 2023 - Rev. 0
NDSH50120C-F155 ONSEMI-NDSH50120C-F155 Datasheet
211Kb / 6P
Silicon Carbide (SiC) Schottky Diode – EliteSiC, 50 A, 1200 V, D3, TO-247-2L
November, 2023 - Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com