Electronic Components Datasheet Search
  English  ▼

X  

FFSP2065B Datasheet(PDF) 2 Page - ON Semiconductor

Part # FFSP2065B
Description  Silicon Carbide (SiC) Schottky Diode – EliteSiC, 20 A, 650 V, D2, TO-220-2L
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FFSP2065B Datasheet(HTML) 2 Page - ON Semiconductor

  FFSP2065B Datasheet HTML 1Page - ON Semiconductor FFSP2065B Datasheet HTML 2Page - ON Semiconductor FFSP2065B Datasheet HTML 3Page - ON Semiconductor FFSP2065B Datasheet HTML 4Page - ON Semiconductor FFSP2065B Datasheet HTML 5Page - ON Semiconductor FFSP2065B Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
FFSP2065B
www.onsemi.com
2
THERMAL CHARACTERISTICS
Symbol
Parameter
Ratings
Unit
RθJC
Thermal Resistance, Junction to Case, Max.
1.0
°C/W
ELECTRICAL CHARACTERISTICS TC = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VF
Forward Voltage
IF = 20 A, TC = 25°C
−
1.38
1.7
V
IF = 20 A, TC = 125°C
−
1.6
2.0
IF = 20 A, TC = 175°C
−
1.72
2.4
IR
Reverse Current
VR = 650 V, TC = 25°C
−
0.5
40
mA
VR = 650 V, TC = 125°C
−
1
80
VR = 650 V, TC = 175°C
−
2
160
QC
Total Capacitive Charge
V = 400 V
−
51
−
nC
C
Total Capacitance
VR = 1 V, f = 100 kHz
−
866
−
pF
VR = 200 V, f = 100 kHz
−
80
−
VR = 400 V, f = 100 kHz
−
70
−
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
PACKAGE MARKING AND ORDERING INFORMATION
Part Number
Top Mark
Package
Packing Method
Reel Size
Tape Width
Quantity
FFSP2065B
FFSP2065B
TO−220−2L
Tube
N/A
N/A
50 Units



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com