Electronic Components Datasheet Search
  English  ▼

X  

BSP145 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BSP145
Description  N-channel enhancement mode vertical D-MOS transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSP145 Datasheet(HTML) 6 Page - NXP Semiconductors

  BSP145 Datasheet HTML 1Page - NXP Semiconductors BSP145 Datasheet HTML 2Page - NXP Semiconductors BSP145 Datasheet HTML 3Page - NXP Semiconductors BSP145 Datasheet HTML 4Page - NXP Semiconductors BSP145 Datasheet HTML 5Page - NXP Semiconductors BSP145 Datasheet HTML 6Page - NXP Semiconductors BSP145 Datasheet HTML 7Page - NXP Semiconductors BSP145 Datasheet HTML 8Page - NXP Semiconductors BSP145 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
1995 Apr 24
6
Philips Semiconductors
Product specification
N-channel enhancement mode
vertical D-MOS transistor
BSP145
Fig.10 Drain-source on-state resistance as a
function of drain current; typical values.
Tj =25 °C.
handbook, halfpage
0
20
40
60
1
10
10
10
ID (A)
VGS = 4 V 4.5 V 5 V
10 V
MGC437
3
2
1
6 V
R DS
(
Ω)
on
Fig.11 Temperature coefficient of gate-source
threshold voltage.
ID = 1 mA; VDS =VGS.
k
V
GSth at Tj
V
GSth at 25 ° C
----------------------------------------
=
handbook, halfpage
0.6
0.8
1.0
1.2
50
150
50
k
T ( C)
j
o
MGC434
Fig.12 Temperature coefficient of drain-source
on-state resistance.
k
R
DSon at Tj
R
DSon at 25 ° C
-----------------------------------------
=
handbook, halfpage
0
0.5
1
1.5
2
2.5
0
50
100
150
k
Tj (°C)
MLC695
−50



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com