Electronic Components Datasheet Search
  English  ▼

X  

BSP145 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BSP145
Description  N-channel enhancement mode vertical D-MOS transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSP145 Datasheet(HTML) 4 Page - NXP Semiconductors

  BSP145 Datasheet HTML 1Page - NXP Semiconductors BSP145 Datasheet HTML 2Page - NXP Semiconductors BSP145 Datasheet HTML 3Page - NXP Semiconductors BSP145 Datasheet HTML 4Page - NXP Semiconductors BSP145 Datasheet HTML 5Page - NXP Semiconductors BSP145 Datasheet HTML 6Page - NXP Semiconductors BSP145 Datasheet HTML 7Page - NXP Semiconductors BSP145 Datasheet HTML 8Page - NXP Semiconductors BSP145 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
1995 Apr 24
4
Philips Semiconductors
Product specification
N-channel enhancement mode
vertical D-MOS transistor
BSP145
Fig.2 Switching time test circuit.
handbook, halfpage
MSA631
50
Ω
VDD = 50 V
ID
10 V
0 V
Fig.3 Input and output waveforms.
handbook, halfpage
MBB692
10 %
90 %
90 %
10 %
ton
toff
OUTPUT
INPUT
Fig.4 Power derating curve.
handbook, halfpage
0
0.5
1
1.5
2
0
50
100
150
Ptot
(W)
Tamb (°C)
MRC207
δ = 0.01.
Tamb =25 °C.
(1) RDSon limitation.
Fig.5 DC SOAR.
handbook, halfpage
MGC433
110
10
V
DS
(V)
I D
(A)
1
2
1
10
2
10
t p
T
P
t
t p
T
δ =
1 s
100
µs
1 ms
10 ms
100 ms
DC
(1)
tp =
10
µs
3
10
10 3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com