Electronic Components Datasheet Search
  English  ▼

X  

BSP145 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BSP145
Description  N-channel enhancement mode vertical D-MOS transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSP145 Datasheet(HTML) 3 Page - NXP Semiconductors

  BSP145 Datasheet HTML 1Page - NXP Semiconductors BSP145 Datasheet HTML 2Page - NXP Semiconductors BSP145 Datasheet HTML 3Page - NXP Semiconductors BSP145 Datasheet HTML 4Page - NXP Semiconductors BSP145 Datasheet HTML 5Page - NXP Semiconductors BSP145 Datasheet HTML 6Page - NXP Semiconductors BSP145 Datasheet HTML 7Page - NXP Semiconductors BSP145 Datasheet HTML 8Page - NXP Semiconductors BSP145 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
1995 Apr 24
3
Philips Semiconductors
Product specification
N-channel enhancement mode
vertical D-MOS transistor
BSP145
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
THERMAL CHARACTERISTICS
Note to the “Limiting values” and “Thermal characteristics”
1. Device mounted on an epoxy printed-circuit board, 40
× 40 × 1.5 mm; mounting pad for drain lead minimum 6 cm2.
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDS
drain-source voltage
−
450
V
VGSO
gate-source voltage
open drain
−±20
V
ID
drain current
−
250
mA
IDM
peak drain current
−
1A
Ptot
total power dissipation
up to Tamb =25 °C; note 1
−
1.5
W
Tstg
storage temperature
−65
+150
°C
Tj
operating junction temperature
−
150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
83.3
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V(BR)DSS
drain-source breakdown voltage
VGS = 0; ID =10 µA
450
−−
V
VGSth
gate-source threshold voltage
VDS =VGS; ID =1mA
2
3
4
V
IDSS
drain-source leakage current
VGS = 0; VDS = 350 V
−−
1
µA
IGSS
gate leakage current
VDS = 0; VGS = ±20 V
−−±100
nA
RDSon
drain-source on-state resistance
VGS =10V; ID = 100 mA
−
10
14
Ω
yfs
forward transfer admittance
VDS = 25 V; ID =250 mA
200
−−
mS
Ciss
input capacitance
VGS = 0; VDS =25V; f=1MHz
−
90
120
pF
Coss
output capacitance
VGS = 0; VDS =25V; f=1MHz
−
25
35
pF
Crss
reverse transfer capacitance
VGS = 0; VDS =25V; f=1MHz
−
25pF
Switching times (see Figs 2 and 3)
ton
turn-on time
VGS =0to10V; VDD = 200 V;
ID = 100 mA
−−
10
ns
toff
turn-off time
VGS =10to0V; VDD =200 V;
ID = 100 mA
−−
100
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com