Electronic Components Datasheet Search
  English  ▼

X  

LTM8080 Datasheet(PDF) 4 Page - Analog Devices

Part # LTM8080
Description  Triple 3A, Ultralow Noise, High PSRR, Ultrafast μModule Linear Regulator with Configurable Output Array
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8080 Datasheet(HTML) 4 Page - Analog Devices

  LTM8080 Datasheet HTML 1Page - Analog Devices LTM8080 Datasheet HTML 2Page - Analog Devices LTM8080 Datasheet HTML 3Page - Analog Devices LTM8080 Datasheet HTML 4Page - Analog Devices LTM8080 Datasheet HTML 5Page - Analog Devices LTM8080 Datasheet HTML 6Page - Analog Devices LTM8080 Datasheet HTML 7Page - Analog Devices LTM8080 Datasheet HTML 8Page - Analog Devices LTM8080 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LTM4709
4
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C (Note 2), COUT = 10µF, per the typical application.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTM4709 is tested under pulsed loading conditions such
that TJ ≈ TA. The LTM4709E is guaranteed to meet performance
specifications from 0°C to 125°C operating junction temperature range.
The LTM4709E specifications over the –40°C to 125°C operating junction
temperature range are assured by design, characterization and correlation
with statistical process controls. The LTM4709I is guaranteed to meet
performance specifications over the –40°C to 125°C operating junction
temperature range, and the LTM4709H is guaranteed over the –40°C to
150°C operating junction temperature range. High junction temperatures
degrade operating lifetimes. The maximum ambient temperature
consistent with these specifications is determined by specific operating
conditions in conjunction with board layout, the rated package thermal
impedance and other environmental factors.
Note 3: To maintain proper performance and regulation, the BIAS supply
voltage must be higher than the input voltage VIN. For the output voltage
VOUT, the BIAS voltage must satisfy the following conditions: 2.375V ≤
VBIAS ≤ 5.5V and VBIAS ≥ (VOUT + 1.2V).
Note 4: Dropout voltage, VDO, is the minimum input-to-output voltage
difference at a specified output current. In dropout, the output voltage
equals VIN – VDO.
Note 5: Operating conditions are limited by maximum junction
temperature. See output current thermal derating curves for different
VIN, VOUT, and TA in Figure 7 to Figure 13. The regulated output voltage
specification does not apply to all possible combinations of input voltage
and output current. When operating at maximum output current, limit the
input voltage range to VIN – VOUT ≤ 300mV.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX UNITS
IREF(START-UP)
Fast Start-Up Ref Pin Current
2
mA
VTH(START-UP)
Fast Start-Up Turn Off Threshold
Measured as Percentage of Final REF Pin Voltage
l
96
98.9
101.5
%
UVLO (BIAS)
VBIAS Undervoltage Lockout
EN = VBIAS, VIN = 0.9V, VOUT = 0.5V, VBIAS Rising
EN = VBIAS, VIN = 0.9V, VOUT = 0.5V, VBIAS Falling
l
l
2.16
2.02
2.21
2.06
2.25
2.10
V
V
VIOC
Input to Output Differential Voltage
Control
VIOC Amplifier Gain
VIOC Amplifier Offset
VIOC Pin Source Current: VBIAS > VIOC + 1V
VIOC Pin Sink Current: VBIAS > VIOC + 1V
l
l
790
200
1
800
20
810
V/V
mV
µA
µA
VOL
Logic-0 State of VO10, VO11, VO12,
VO20, VO21, VO22, VO30, VO31, VO32
l
0.3
V
VOZ
Logic-Hi-Z State of VO10, VO11, VO12,
VO20, VO21, VO22, VO30, VO31, VO32
l
0.95
1.15
V
VOH
Logic-1 State of VO10, VO11, VO12,
VO20, VO21, VO22, VO30, VO31, VO32
l
1.9
V
ICTRL
Pin Current of VO10, VO11, VO12,
VO20, VO21, VO22, VO30, VO31, VO32
Apply 2.5V to Output Control Pins
50
μA
VEN
EN Pin Threshold
EN Rising, VBIAS = 2.375V
Hysteresis
l
1.20
1.26
80
1.32
V
mV
IEN
EN Pin Current
VEN = 0V, VBIAS = 5.5V
VEN = 1.3V, VBIAS = 5.5V
VEN = 5.5V, VBIAS = 0V
0.1
10
±1
20
µA
µA
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com