Electronic Components Datasheet Search
  English  ▼

X  

LTM8080 Datasheet(PDF) 8 Page - Analog Devices

Part # LTM8080
Description  Triple 3A, Ultralow Noise, High PSRR, Ultrafast μModule Linear Regulator with Configurable Output Array
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8080 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTM8080 Datasheet HTML 4Page - Analog Devices LTM8080 Datasheet HTML 5Page - Analog Devices LTM8080 Datasheet HTML 6Page - Analog Devices LTM8080 Datasheet HTML 7Page - Analog Devices LTM8080 Datasheet HTML 8Page - Analog Devices LTM8080 Datasheet HTML 9Page - Analog Devices LTM8080 Datasheet HTML 10Page - Analog Devices LTM8080 Datasheet HTML 11Page - Analog Devices LTM8080 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
LTM4709
8
Rev. 0
For more information www.analog.com
EN1, EN2, EN3 (Pins E3, F1, L1): Device Enable. These
pins enable/disable the output. Pulling the EN pin low dis-
ables the output transistor and auxiliary functions. Drive
the EN pin with a digital logic port, an open-collector NPN
or an open-drain N-channel MOSFET terminated with a
pull-up resistor to BIAS. The pull-up resistor must be
less than 200k to meet the VOH condition of the EN pin. If
unused, connect the EN pin to BIAS.
VO10, VO11, VO12, VO20, VO21, VO22, VO30, VO31, VO32
(Pins E4, E5, E6, K5, K6, K7, K2, K3, K4): Output Voltage
Select. These three-state pins combine to select a nom-
inal output voltage from 0.5V to 4.2V. The input logic
low threshold is less than 300mV referenced to GND and
the logic high threshold is greater than 1.9V. The range
between 0.95V and 1.15V defines the logic Hi-Z state.
See Table 1 in the Applications Information section that
defines the VOUT versus output voltage select pins.
PG1, PG2, PG3 (Pins E7, E2, K1): Power Good. The PG
pins are an open-drain N-channel MOSFET output that is
pulled low if one of the following fault modes is detected.
• VOUT is less than 93% of VOUT(NOMINAL) on the rising
edge of VOUT.
• VOUT is less than 90% of VOUT(NOMINAL) on the falling
edge of VOUT.
• Voltage at BIAS pin is less than its undervoltage
lockout threshold.
• Junction temperature exceeds 168°C typically.
These pins are internally connected to PGR1,2,3 (Pins A3,
F3, L3) with a 100k resistor.
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com