Electronic Components Datasheet Search
  English  ▼

X  

LTM8080 Datasheet(PDF) 23 Page - Analog Devices

Part # LTM8080
Description  Triple 3A, Ultralow Noise, High PSRR, Ultrafast μModule Linear Regulator with Configurable Output Array
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8080 Datasheet(HTML) 23 Page - Analog Devices

Back Button LTM8080 Datasheet HTML 18Page - Analog Devices LTM8080 Datasheet HTML 19Page - Analog Devices LTM8080 Datasheet HTML 20Page - Analog Devices LTM8080 Datasheet HTML 21Page - Analog Devices LTM8080 Datasheet HTML 22Page - Analog Devices LTM8080 Datasheet HTML 23Page - Analog Devices LTM8080 Datasheet HTML 24Page - Analog Devices LTM8080 Datasheet HTML 25Page - Analog Devices LTM8080 Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
LTM4709
23
Rev. 0
For more information www.analog.com
PACKAGE ROW AND COLUMN LABELING MAY VARY
AMONG µModule PRODUCTS. REVIEW EACH PACKAGE
LAYOUT CAREFULLY.
PACKAGE DESCRIPTION
Table 4. Package Pinout Description
PIN ID FUNCTION PIN ID FUNCTION PIN ID FUNCTION PIN ID FUNCTION PIN ID FUNCTION PIN ID FUNCTION PIN ID FUNCTION
A1
NC
A2
IMONR1
A3
PGR1
A4
BIAS1
A5
IMON1
A6
VREF1
A7
GND
B1
GND
B2
GND
B3
VIN1
B4
VIN1
B5
VOUT1
B6
VOUTS1
B7
GND
C1
VIN1
C2
VIN1
C3
VIN1
C4
VIN1
C5
VOUT1
C6
VOUT1
C7
VOUT1
D1
VIN1
D2
VIN1
D3
VIN1
D4
VIN1
D5
VOUT1
D6
VOUT1
D7
VOUT1
E1
VIOC1
E2
PG2
E3
EN1
E4
VO10
E5
VO11
E6
VO12
E7
PG1
F1
EN2
F2
IMONR2
F3
PGR2
F4
BIAS2
F5
IMON2
F6
VREF2
F7
GND
G1
GND
G2
GND
G3
VIN2
G4
VIN2
G5
VOUT2
G6
VOUTS2
G7
GND
H1
VIN2
H2
VIN2
H3
VIN2
H4
VIN2
H5
VOUT2
H6
VOUT2
H7
VOUT2
J1
VIN2
J2
VIN2
J3
VIN2
J4
VIN2
J5
VOUT2
J6
VOUT2
J7
VOUT2
K1
PG3
K2
VO30
K3
VO31
K4
VO32
K5
VO20
K6
VO21
K7
VO22
L1
EN3
L2
IMONR3
L3
PGR3
L4
BIAS3
L5
IMON3
L6
VREF3
L7
GND
M1
GND
M2
GND
M3
VIN3
M4
VIN3
M5
VOUT3
M6
VOUTS3
M7
GND
N1
VIN3
N2
VIN3
N3
VIN3
N4
VIN3
N5
VOUT3
N6
VOUT3
N7
VOUT3
P1
VIN3
P2
VIN3
P3
VIN3
P4
VIN3
P5
VOUT3
P6
VOUT3
P7
VOUT3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com