Electronic Components Datasheet Search
  English  ▼

X  

LTM8080 Datasheet(PDF) 7 Page - Analog Devices

Part # LTM8080
Description  Triple 3A, Ultralow Noise, High PSRR, Ultrafast μModule Linear Regulator with Configurable Output Array
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8080 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTM8080 Datasheet HTML 3Page - Analog Devices LTM8080 Datasheet HTML 4Page - Analog Devices LTM8080 Datasheet HTML 5Page - Analog Devices LTM8080 Datasheet HTML 6Page - Analog Devices LTM8080 Datasheet HTML 7Page - Analog Devices LTM8080 Datasheet HTML 8Page - Analog Devices LTM8080 Datasheet HTML 9Page - Analog Devices LTM8080 Datasheet HTML 10Page - Analog Devices LTM8080 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
LTM4709
7
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
NC (Pin A1): Not Connected. Do not connect this pin.
Leave the pin floating.
IMONR1, IMONR2, IMONR3 (Pins A2, F2, L2): Current
Limit Resistor Connected to IMON. A 1% accuracy 909Ω
resistor is integrated inside the module between these
pins and IMON pin. Directly connect these pins to GND to
set the current limit at 3.3A. To set the current limit lower
than 3A, select a resistor based on the pin description
for IMON, leave the IMONR pin floating, and connect the
resistor between the IMON pin and GND.
PGR1, PGR2, PGR3 (Pins A3, F3, L3): Pull-Up Resistor
Connected to PG1,2,3 (Pins E7, E2, K1). A 100k resistor
is integrated inside the module between these pins and
PG pins. Directly connect these pins to BIAS or any rail
to pull up PG pins.
BIAS1, BIAS2, BIAS3 (Pins A4, F4, L4): Bias Supply.
These pins supply current to the internal control circuitry
and the gate driving of the pass transistor. The three pins
could be connected together. To ensure proper opera-
tion, the BIAS voltage must satisfy the following condi-
tions: 2.375V ≤ VBIAS ≤ 5.5V and 1.2 + VOUT ≤ VBIAS.
IMON1, IMON2, IMON3 (Pins A5, F5, L5): Output Current
Monitor. The IMON pins source a current that typically
equals to IOUT/3000. If IMONR is floating, connect these
pins with a resistor to GND to produce a voltage pro-
portional to IOUT. Current limiting is triggered when the
voltage at these pins reaches 1V. The current limit equals
to 3000/resistance. For example, with a 1.5k resistor to
GND, these pins set the current limit at 2A.
These pins are internally connected to an IMONR pin with
a 1% accuracy 909Ω resistor. Users can directly connect
the IMONR pin to GND to set the current limit at 3.3A.
VREF1, VREF2, VREF3 (Pins A6, F6, L6): Reference Filter.
These pins have been connected to GND internally with
a 2.2µF ceramic capacitor to decrease the output noise
and provide a soft-start function to the reference. No
additional ceramic capacitor is required, and it can be
left floating in the application. Additional capacitor CREF
at this pin is optional. Additional CREF could be added if
lower noise below 1kHz is desired. For most applications,
no CREF is needed.
GND (Pins B1, B2, A7, B7, G1, G2, F7, G7, M1, M2, L7,
M7): Ground. To ensure proper performance, tie all GND
pins to the PCB ground.
VIN1, VIN2, VIN3 (Pins B3, B4, C1–C4, D1–D4; G3, G4,
H1–H4, J1–J4; M3, M4, N1–N4, P1–P4): Input Supply.
These pins supply power to the high current pass transis-
tor. The VIN pins can be connected together or separate.
The LTM4709 requires a decoupling capacitor at VIN to
maintain stability and lower input impedance over fre-
quency. An input bypass capacitor of no less than 4.7µF
is recommended for most applications. Minimize the trace
inductance between the decoupling capacitor and this pin
to optimize performance. The application that operates
with low VIN – VOUT voltage difference or that has large
and fast transient step may require higher input capaci-
tance to prevent the input supply from drooping.
VOUT1, VOUT2, VOUT3 (Pins B5, C5–C7, D5–D7; Pins G5,
H5–H7, J5–J7; Pins M5, N5–N7, P5–P7): Output. These
pins supply power to the load. A minimum output capaci-
tance of 10µF is required for stability. It is recommended
to place low ESR X5R or X7R dielectric ceramic capac-
itors directly between these pins and GND pins for best
performance. The large load step requires higher output
capacitance to meet transient requirements.
VOUTS1, VOUTS2, VOUTS3 (Pins B6, G6, M6): Kelvin Sense
for Output. These pins are the inverting input to the error
amplifier. Optimum regulation is obtained when it is con-
nected to the VOUT pins of the regulator. In some applica-
tions, the resistance of PCB traces between the regulator
and the load causes small voltage drops, creating a load
regulation error at the point of load. Connecting these pins
directly to the load to eliminate the voltage error.
VIOC1 (Pin E1): Voltage for In-to-Out Control. This pin
can be used to control the upstream buck regulator to
maintain a constant voltage for channel 1 of LTM4709 and
hence minimize its power dissipation. It can also be used
to control multiple channels when they are in parallel. See
Applications Information section for more information on
this function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com