Electronic Components Datasheet Search
  English  ▼

X  

LTM8074 Datasheet(PDF) 6 Page - Analog Devices

Part # LTM8074
Description  Triple 3A, Ultralow Noise, High PSRR, Ultrafast μModule Linear Regulator with Configurable Output Array
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8074 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTM8074 Datasheet HTML 2Page - Analog Devices LTM8074 Datasheet HTML 3Page - Analog Devices LTM8074 Datasheet HTML 4Page - Analog Devices LTM8074 Datasheet HTML 5Page - Analog Devices LTM8074 Datasheet HTML 6Page - Analog Devices LTM8074 Datasheet HTML 7Page - Analog Devices LTM8074 Datasheet HTML 8Page - Analog Devices LTM8074 Datasheet HTML 9Page - Analog Devices LTM8074 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
LTM4709
6
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Noise Spectrum Density with
Various VIN – VOUT
Noise Spectrum Density with
Various Load
Noise Spectrum Density with
Various COUT
Noise Spectrum Density with
Various VBIAS
Noise Spectrum Density with
Various CREF
Noise Spectrum Density
with 4.7uF CREF and
Various VIN – VOUT
TA = 25°C, unless otherwise noted.
FREQUENCY (Hz)
4709 G10
10
100
1k
10k
100k
1M
10M
0.1
1
10
100
1k
VIN = 1.2V
VIN = 1.3V
VIN = 1.4V
VOUT = 1V, ILOAD = 3A,
VBIAS = 5V, COUT = 22 F,
NO CREF
FREQUENCY (Hz)
4709 G11
10
100
1k
10k
100k
1M
10M
0.1
1
10
100
1k
ILOAD = 1A
ILOAD = 2A
ILOAD = 3A
VIN = 1.3V, VOUT = 1V,
VBIAS = 5V, COUT = 22 F,
NO CREF
FREQUENCY (Hz)
4709 G12
10
100
1k
10k
100k
1M
10M
0.1
1
10
100
1k
VIN = 1.3V, VOUT = 1V,
ILOAD = 3A, VBIAS = 5V,
NO CREF
COUT = 10 F
COUT = 22 F
FREQUENCY (Hz)
4709 G13
10
100
1k
10k
100k
1M
10M
0.1
1
10
100
1k
VIN = 1.3V, VOUT = 1V,
ILOAD = 3A, COUT = 22 F,
NO CREF
VBIAS = 2.375V
VBIAS = 3V
VBIAS = 5V
FREQUENCY (Hz)
4709 G14
10
100
1k
10k
100k
1M
10M
0.1
1
10
100
1k
VIN = 1.3V, VOUT = 1V,
ILOAD = 3A, VBIAS = 5V,
COUT = 22 F
NO CREF
CREF = 4.7 F
CREF = 10 F
FREQUENCY (Hz)
4709 G15
10
100
1k
10k
100k
1M
10M
0.1
1
10
100
1k
VOUT = 1V, ILOAD = 3A,
VBIAS = 5V, COUT = 22 F,
CREF = 4.7 F
VIN = 1.2V
VIN = 1.3V
VIN = 1.4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com