Electronic Components Datasheet Search
  English  ▼

X  

LTM8074 Datasheet(PDF) 2 Page - Analog Devices

Part # LTM8074
Description  Triple 3A, Ultralow Noise, High PSRR, Ultrafast μModule Linear Regulator with Configurable Output Array
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8074 Datasheet(HTML) 2 Page - Analog Devices

  LTM8074 Datasheet HTML 1Page - Analog Devices LTM8074 Datasheet HTML 2Page - Analog Devices LTM8074 Datasheet HTML 3Page - Analog Devices LTM8074 Datasheet HTML 4Page - Analog Devices LTM8074 Datasheet HTML 5Page - Analog Devices LTM8074 Datasheet HTML 6Page - Analog Devices LTM8074 Datasheet HTML 7Page - Analog Devices LTM8074 Datasheet HTML 8Page - Analog Devices LTM8074 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LTM4709
2
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN1, VIN2, VIN3............................................. –0.3V to 6V
VOUT1, VOUT2, VOUT3 .................................... –0.3V to 6V
VOUTS1, VOUTS2, VOUTS3............................... –0.3V to 6V
BIAS1, BIAS2, BIAS3 ................................... –0.3V to 6V
VO10, VO11, VO12, VO20, VO21, VO22,
VO30, VO31, VO32 ....................................... –0.3V to 5.5V
EN1, EN2, EN3.............................................. –0.3V to 6V
IMON1, IMON2, IMON3, IMONR1,
IMONR2, IMONR3........................................ –0.3V to 6V
PG1, PG2, PG3, PGR1, PGR2, PGR3, VIOC1 –0.3V to 6V
VREF1, VREF2, VREF3...................................... –0.3V to 6V
Operating Junction Temperature (Note 2)
E-Grade/I-Grade................................. –40°C to 125°C
H-Grade ............................................. –40°C to 150°C
Storage Temperature Range .................. –65°C to 150°C
Maximum Reflow (Package Body) Temperature..... 260°C
(Note 1)
TOP VIEW
BGA PACKAGE
98-PIN (6mm × 12mm × 1.92mm)
TJMAX = 150°C,
θJCtop = 15.5°C/W, θJCbottom = 3°C/W, θJA = 15°C/W, WEIGHT = 331mg
NOTES:
1.θ VALUES ARE DETERMINED BY SIMULATION PER JESD-51 CONDITIONS.
2.θJA VALUE IS OBTAINED WITH DEMO BOARD.
3.SEE THE APPLICATION INFORMATION SECTION FOR LAB
MEASUREMENT DERATING INFORMATION.
P
N
M
L
K
J
H
G
F
E
D
C
B
A
7
6
5
4
3
2
1
NC
IMONR1 PGR1 BIAS1 IMON1 VREF1
VIOC1
PG2
EN1
VO10
VO11
VO12
EN2 IMONR2 PGR2 BIAS2 IMON2 VREF2
PG1
PG3
VO30
VO31
VO32
VO20
VO21
EN3 IMONR3 PGR3 BIAS3 IMON3 VREF3
VO22
VOUTS1
VOUT1
VOUT2
VOUT3
VIN1
VIN2
VIN3
VOUTS2
VOUTS3
GND
GND
GND
GND
GND
GND
ORDER INFORMATION
PART NUMBER
PAD OR BALL FINISH
PART MARKING
PACKAGE
TYPE
MSL
RATING
TEMPERATURE RANGE
(SEE NOTE 2)
DEVICE
FINISH CODE
LTM4709EY#PBF
SAC305 (RoHS)
4709
e1
BGA
4
–40°C to 125°C
LTM4709IY#PBF
SAC305 (RoHS)
4709
e1
BGA
4
–40°C to 125°C
LTM4709HY#PBF
SAC305 (RoHS)
4709
e1
BGA
4
–40°C to 150°C
• Contact the factory for parts specified with wider operating temperature
ranges. Pad or ball finish code is per IPC/JEDEC J-STD-609.
• This product is not recommended for second side reflow.
• Recommended LGA and BGA PCB Assembly and Manufacturing
Procedures
• LGA and BGA Package and Tray Drawings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com