Electronic Components Datasheet Search
  English  ▼

X  

LTM8074 Datasheet(PDF) 22 Page - Analog Devices

Part # LTM8074
Description  Triple 3A, Ultralow Noise, High PSRR, Ultrafast μModule Linear Regulator with Configurable Output Array
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8074 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTM8074 Datasheet HTML 18Page - Analog Devices LTM8074 Datasheet HTML 19Page - Analog Devices LTM8074 Datasheet HTML 20Page - Analog Devices LTM8074 Datasheet HTML 21Page - Analog Devices LTM8074 Datasheet HTML 22Page - Analog Devices LTM8074 Datasheet HTML 23Page - Analog Devices LTM8074 Datasheet HTML 24Page - Analog Devices LTM8074 Datasheet HTML 25Page - Analog Devices LTM8074 Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
LTM4709
22
Rev. 0
For more information www.analog.com
TYPICAL APPLICATION
Figure 17. Paralleling Multiple Channels for 1VOUT, 9A Operation with Upstream Switching Regulator and VIOC for High Efficiency
LTM4709
IMONR1
VREF1
VREF2
IMON3
PGR1,2,3
PG1,2,3
VIOC1
VO10
VO11
VO12
EN1,2,3
BIAS1,2,3
VO30
VO31
VO32
VO20
VO21
VO22
VOUTS1
VIN1
VIN2
VOUTS2
GND
VIN3
VOUT2
VOUT3
VOUTS3
VOUT1
IMONR3
VREF3
IMONR2
3.3VBIAS
100 F
4709 F17
10 F
1VOUT
9A
SW
VFB
GND
VIN
R1
12VIN
2m
10 F
2m
10 F
2m
IMON1
IMON2
UPSTREAM
SWITCHING
REGULATOR
VFB ≥ 1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com