Electronic Components Datasheet Search
  English  ▼

X  

LTM8074 Datasheet(PDF) 11 Page - Analog Devices

Part # LTM8074
Description  Triple 3A, Ultralow Noise, High PSRR, Ultrafast μModule Linear Regulator with Configurable Output Array
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8074 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTM8074 Datasheet HTML 7Page - Analog Devices LTM8074 Datasheet HTML 8Page - Analog Devices LTM8074 Datasheet HTML 9Page - Analog Devices LTM8074 Datasheet HTML 10Page - Analog Devices LTM8074 Datasheet HTML 11Page - Analog Devices LTM8074 Datasheet HTML 12Page - Analog Devices LTM8074 Datasheet HTML 13Page - Analog Devices LTM8074 Datasheet HTML 14Page - Analog Devices LTM8074 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
LTM4709
11
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
The LTM4709 is a low voltage, ultralow noise, and ultra-
fast transient response μModule linear regulator. The
device supplies up to triple 3A with a typical dropout volt-
age of 45mV. The high bandwidth and high PSRR allow
for the use of a single small ceramic capacitor for input
and output, saving bulk capacitance, space, and cost. The
LTM4709 is ideal for high-performance FPGAs, micropro-
cessors, RF communication and noise-sensitive supply
applications.
Output Voltage
Output voltages are digitally selectable in 50mV incre-
ments from 0.5V to 1.2V; 100mV increments from 1.2V
to 1.8V; and discrete levels at 2V, 2.5V, 3V, 3.3V and 4.2V.
The tri-level input pins, VO10, VO11, VO12, VO20, VO21, VO22,
VO30, VO31, VO32 set the output voltage. Table 1 illustrates
the three-bit digital word to output voltage relationship
based on setting these pins high, low, or floating. An
input logic low state is guaranteed with less than 300mV
referenced to GND and a logic high state is guaranteed
with greater than 1.9V. The range from 950mV to 1.15V
defines the logic Hi-Z (input floating) state. These pins
may be tied high by either pin strapping them to BIASn
or driving them with digital ports. Pins that float may
either float or require logic that has Hi-Z output capability.
This allows the output voltage to be dynamically changed
if necessary.
Voltage Reference
The voltage reference VREF1,2,3 pin is the voltage output
of the internal current reference feeding into a resistor.
A 2.2μF ceramic capacitor has been integrated between
the VREF and GND inside the LTM4709 to decrease the
reference voltage noise and soft-start the output when the
device is enabled. The VREF pin must not be DC loaded
by anything except for applications that need to be paral-
leled with other channels. See the Paralleling Devices for
Higher Output Current section for more details.
Table 1. VOUT Selection Matrix
VOUT
(V)
VOX0
VOX1
VOX2
0.500
0
0
0
0.550
Z
0
0
0.600
1
0
0
0.650
0
Z
0
0.700
Z
Z
0
0.750
1
Z
0
0.800
0
1
0
0.850
Z
1
0
0.900
1
1
0
0.950
0
0
Z
1.000
Z
0
Z
1.050
1
0
Z
1.100
0
Z
Z
1.150
Z
Z
Z
1.200
1
Z
Z
1.300
0
1
Z
1.400
Z
1
Z
1.500
1
1
Z
1.600
0
0
1
1.700
Z
0
1
1.800
1
0
1
2.000
0
Z
1
2.500
Z
Z
1
3.000
1
Z
1
3.300
0
1
1
4.200
Z
1
1
Note: X is 1, 2, or 3 representing channel; 0 = Low, Z = Hi-Z (Float),
1 = High.
Enable
The EN1,2,3 pin enables/disables the output and reference
pin. Pulling EN pin low places the regulator into shut-
down mode. In shutdown mode, the quiescent current
decreases to less than 10μA.
Drive the EN pin with either a digital logic port, an
open-collector NPN or an open-drain NMOS terminated
with a pull-up resistor to BIAS1,2,3. The pull-up resistor
must be less than 200k to meet the VOH condition of the
EN pin. If not used, connect the EN pin to BIAS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com