Electronic Components Datasheet Search
  English  ▼

X  

LTM4663 Datasheet(PDF) 1 Page - Analog Devices

Part # LTM4663
Description  Low VIN, Quad 8A Silent Switcher μModule Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4663 Datasheet(HTML) 1 Page - Analog Devices

  LTM4663 Datasheet HTML 1Page - Analog Devices LTM4663 Datasheet HTML 2Page - Analog Devices LTM4663 Datasheet HTML 3Page - Analog Devices LTM4663 Datasheet HTML 4Page - Analog Devices LTM4663 Datasheet HTML 5Page - Analog Devices LTM4663 Datasheet HTML 6Page - Analog Devices LTM4663 Datasheet HTML 7Page - Analog Devices LTM4663 Datasheet HTML 8Page - Analog Devices LTM4663 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTM4710-1
1
Rev. 0
For more information www.analog.com
Document Feedback
LOAD CURRENT (A)
0
4
8
12
16
20
24
28
32
70
75
80
85
90
95
47101 TA01b
VIN = 5V
VIN = 3.3V
1.2V
100 F
× 4
100kΩ
536kΩ
VIN1,2,3,4
VOSNS1
VOUT1,2,3,4
PG1,2,3,4
RT1
RT2
RT3
RT4
RUN1,2,3,4
COMP1a,2a,3a,4a
COMP1b
AGND1,2,3,4
GND
PINS NOT SHOWN IN THIS CIRCUIT: SSTT, SW
LTM4710-1
22 F
× 4
VIN
2.5V TO
5.5V
47101 TA01a
MODE1
MODE2,3,4
FB1
FB2,3,4
PGOOD
3MΩ
332kΩ
VIN
VIN
0Ω
OPT
OPT
OPT
(90° PHASE SHIFT)
(180° PHASE SHIFT)
(270° PHASE SHIFT)
(1.5MHz)
7.15kΩ
68pF
VOUT
1.2V,
32A
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Low VIN, Quad 8A Silent Switcher
µModule Regulator
The LTM®4710-1 is a quad DC/DC step-down µModule
(micromodule) regulator with 8A per output. The package
includes the switching controllers, the power MOSFETs,
inductors and all supported components. Operating over
an input voltage range of 2.5V to 5.5V. Channel 1’s output
voltage can be set by only one external resistor, where
the outputs for channel 2, channel 3, and channel 4 can
be set by two external resistors. All output voltages are
programmable up to 3.6V.
The LTM4710-1 employs Silent Switcher 2 architecture
with internal hot loop bypass capacitors to achieve both
low Electromagnetic Interference (EMI) and high effi-
ciency. The LTM4710-1 is packaged in a compact (6mm
× 12mm × 3.54mm) LGA with presolder package and is
RoHS compliant.
Configurable Output Array
8A
8A
8A
8A
24A
8A
16A
16A
16A
8A
8A
32A
Paralleled Single Output, 32A DC/DC μModule Regulator
APPLICATIONS
n
Quad Output Step-Down µModule® Regulator with
Configurable 8A Output Array
n
Ultralow Noise Silent Switcher®2 Architecture
n
CISPR32 Class B Compliant
n
Input Voltage Range: 2.5V to 5.5V
n
Output Voltage Range: 0.5V to 3.6V
n
8A DC Output Current, Each Channel
n
Parallelable for Higher Output Current
n
±1.5% Maximum Total DC Output Voltage Accuracy
n
Selectable Switching Frequency: 1MHz to 5MHz
n
Power Good Indicator
n
Die Temperature Monitoring
n
6mm × 12mm × 3.54mm Land Grid Array (LGA)
with Presolder Package
n
Optical Communications
n
Multi-Rail Point-of-Load Regulation
n
Field Programmable Gate Arrays (FPGAs), Digital
signal processing (DSPs) and Application Specific
Integrated Circuits (ASICs) Applications
n
Telecom, Datacom, Networking System
All registered trademarks and trademarks are the property of their respective owners.
Efficiency at 1.2VOUT


Similar Part No. - LTM4663

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTM4663 AD-LTM4663 Datasheet
1Mb / 30P
Ultracompact 4A, 15V, Full Bridge Driver with SPI
LTM4663 AD-LTM4663 Datasheet
2Mb / 24P
Ultrathin 1.5A 關Module Thermoelectric Cooler (TEC) Regulator
02/21-REV.A
LTM4663 AD-LTM4663 Datasheet
1Mb / 26P
Low VIN, High Efficiency 10A Step-Down DC/DC 關Module Regulator
Rev. 0
LTM4663EV#PBF AD-LTM4663EV#PBF Datasheet
2Mb / 24P
Ultrathin 1.5A 關Module Thermoelectric Cooler (TEC) Regulator
02/21-REV.A
LTM4663IV#PBF AD-LTM4663IV#PBF Datasheet
2Mb / 24P
Ultrathin 1.5A 關Module Thermoelectric Cooler (TEC) Regulator
02/21-REV.A
More results

Similar Description - LTM4663

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4616 LINER-LTM4616_15 Datasheet
779Kb / 30P
Dual 8A per Channel Low VIN DC/DC Module Regulator
LT8646S LINER-LT8646S Datasheet
570Kb / 8P
65V, 8A Synchronous Step-Down Silent Switcher 2
LTM8053 LINER-LTM8053 Datasheet
376Kb / 28P
40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
LTM8063 LINER-LTM8063 Datasheet
1Mb / 24P
40VIN, 2A Silent Switcher 關Module Regulator
LTM8065 LINER-LTM8065 Datasheet
1Mb / 26P
40VIN, 2.5A Silent Switcher 關Module Regulator
LTM8073 LINER-LTM8073 Datasheet
1Mb / 26P
60VIN, 3A Silent Switcher 關Module Regulator
logo
Analog Devices
LTM8051 AD-LTM8051 Datasheet
2Mb / 28P
Quad 40VIN Silent Switcher 關Module Regulator with Configurable 1.2A Output Array
LTM8060 AD-LTM8060 Datasheet
2Mb / 28P
Quad 40VIN, Silent Switcher 關Module Regulator with Configurable 3A Output Array
LT8645S-2 AD-LT8645S-2 Datasheet
3Mb / 30P
65V, 8A Synchronous Step-Down Silent Switcher with 2.5μA Quiescent Current
Rev. A
LT8645S AD-LT8645S_V01 Datasheet
2Mb / 30P
65V, 8A Synchronous Step-Down Silent Switcher 2 with 2.5μA Quiescent Current
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com