Electronic Components Datasheet Search
  English  ▼

X  

LTM4663 Datasheet(PDF) 17 Page - Analog Devices

Part # LTM4663
Description  Low VIN, Quad 8A Silent Switcher μModule Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4663 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTM4663 Datasheet HTML 13Page - Analog Devices LTM4663 Datasheet HTML 14Page - Analog Devices LTM4663 Datasheet HTML 15Page - Analog Devices LTM4663 Datasheet HTML 16Page - Analog Devices LTM4663 Datasheet HTML 17Page - Analog Devices LTM4663 Datasheet HTML 18Page - Analog Devices LTM4663 Datasheet HTML 19Page - Analog Devices LTM4663 Datasheet HTML 20Page - Analog Devices LTM4663 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
LTM4710-1
17
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Table 5. 0.5V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIRFLOW (LFM)
HEAT SINK
θJA (°C/W)
Figure 7, Figure 8
3.3, 5
Figure 5, Figure 6
0
None
11
Figure 7, Figure 8
3.3, 5
Figure 5, Figure 6
200
None
9
Figure 7, Figure 8
3.3, 5
Figure 5, Figure 6
400
None
10
Table 6. 0.8V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIRFLOW (LFM)
HEAT SINK
θJA (°C/W)
Figure 9, Figure 10
3.3, 5
Figure 5, Figure 6
0
None
14
Figure 9, Figure 10
3.3, 5
Figure 5, Figure 6
200
None
10
Figure 9, Figure 10
3.3, 5
Figure 5, Figure 6
400
None
11
Table 7. 1.0V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIRFLOW (LFM)
HEAT SINK
θJA (°C/W)
Figure 11, Figure 12
3.3, 5
Figure 5, Figure 6
0
None
12
Figure 11, Figure 12
3.3, 5
Figure 5, Figure 6
200
None
9
Figure 11, Figure 12
3.3, 5
Figure 5, Figure 6
400
None
9
Table 8. 1.2V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIRFLOW (LFM)
HEAT SINK
θJA (°C/W)
Figure 13, Figure 14
3.3, 5
Figure 5, Figure 6
0
None
12
Figure 13, Figure 14
3.3, 5
Figure 5, Figure 6
200
None
9
Figure 13, Figure 14
3.3, 5
Figure 5, Figure 6
400
None
9
Table 9. 1.5V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIRFLOW (LFM)
HEAT SINK
θJA (°C/W)
Figure 15
5
Figure 5, Figure 6
0
None
12
Figure 15
5
Figure 5, Figure 6
200
None
11
Figure 15
5
Figure 5, Figure 6
400
None
10
Table 10. Output Voltage Response vs Component Matrix, 6A to 8A Load Step Typical Measured Values, Freq = 1.5MHz
VIN
(V)
VOUT
(V)
CIN
CERAMIC
(μF)
COUT1,2,3,4
CERAMIC
(μF)
CFF
(pF)
PEAK-PEAK
DERIVATION
(mV)
LOAD
STEP
(A)
LOAD STEP
SLEW RATE
(A/μs)
RFB
(kΩ)
COMPENSATION
2.5
0.5
22 ×2 + 47
22 + 47 + 100
68
42.2
2
2
Open
Module Internal Compensation
3.3
0.5
22 ×2 + 47
22 + 47 + 100
68
44.9
2
2
Open
Module Internal Compensation
5
0.5
22 ×2 + 47
22 + 47 + 100
68
48.9
2
2
Open
Module Internal Compensation
5.5
0.5
22 ×2 + 47
22 + 47 + 100
68
49.5
2
2
Open
Module Internal Compensation
2.5
0.8
22 ×2 + 47
22 + 47 + 100
68
54.9
2
2
16.5
Module Internal Compensation
3.3
0.8
22 ×2 + 47
22 + 47 + 100
68
56.9
2
2
16.5
Module Internal Compensation
5
0.8
22 ×2 + 47
22 + 47 + 100
68
60.3
2
2
16.5
Module Internal Compensation
5.5
0.8
22 ×2 + 47
22 + 47 + 100
68
60.3
2
2
16.5
Module Internal Compensation
2.5
1
22 ×2 + 47
22 + 47 + 100
68
58.2
2
2
10
Module Internal Compensation
3.3
1
22 ×2 + 47
22 + 47 + 100
68
59.6
2
2
10
Module Internal Compensation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com