Electronic Components Datasheet Search
  English  ▼

X  

LTM4663 Datasheet(PDF) 10 Page - Analog Devices

Part # LTM4663
Description  Low VIN, Quad 8A Silent Switcher μModule Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4663 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTM4663 Datasheet HTML 6Page - Analog Devices LTM4663 Datasheet HTML 7Page - Analog Devices LTM4663 Datasheet HTML 8Page - Analog Devices LTM4663 Datasheet HTML 9Page - Analog Devices LTM4663 Datasheet HTML 10Page - Analog Devices LTM4663 Datasheet HTML 11Page - Analog Devices LTM4663 Datasheet HTML 12Page - Analog Devices LTM4663 Datasheet HTML 13Page - Analog Devices LTM4663 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LTM4710-1
10
Rev. 0
For more information www.analog.com
Output Voltage Programming
The PWM controller has an internal 0.5V reference volt-
age. As shown in the Block Diagram, a 10k (0.5% toler-
ance) internal feedback resistor is included in channel
1 only. The 10k resistor connects FB1 to VOSNS1, which
should be directly connected to the VOUT1 sense point.
10k external top feedback resistor is recommended for
VOUT2,3,4 if operating independently. Adding a resistor
RBOT from FB pin to the AGND pin programs the output
voltage (Equation 2).
V
(V)
OUT
= 0.5V •
10k +RBOT
RBOT
(2)
Input Decoupling Capacitors
Each channel of the LTM4710-1 module should be con-
nected to a low AC-impedance DC source. For the regula-
tor, at least 22µF input ceramic capacitor is recommended
for RMS ripple current decoupling. Bulk input capacitors
are needed when the input source impedance is com-
promised by long inductive leads, traces or not enough
source capacitance. The bulk capacitor can be an electro-
lytic aluminum capacitor or polymer capacitor.
Without considering the inductor current ripple, the
RMS current of the input capacitor can be estimated
with Equation 3.
ICIN(RMS) =
IOUT(MAX)
η%
• D •(1– D)
(3)
where η is the estimated efficiency of the power module.
Output Decoupling Capacitors
With an optimized high frequency, high bandwidth design,
only a 100μF low ESR output ceramic capacitor is required
for each channel to achieve low output voltage ripple and
a very good transient response. Additional output filter-
ing may be required by the system designer, if further
reduction of output ripples or dynamic transient spikes is
required. Table 10 shows a matrix of different output volt-
ages and output capacitors to minimize the voltage droop
and overshoot during a 2A (25%) load step transient.
The multiphase operation will reduce effective output ripple
as a function of the number of phases. Application Note 77
APPLICATIONS INFORMATION
discusses this noise reduction versus output ripple current
cancellation, but the output capacitance will be more a func-
tion of stability and transient response. The LTpowerCAD®
design tool is available to download on-line for output ripple,
stability and transient response analysis and calculating the
output ripple reduction as the number of phases implemented
increases by N times.
Mode of Operation
TheMODEpiniseitheraclockinputoraclockoutput.When
configured as clock input, it synchronizes the switching
frequency to an external clock (see Table 1).
The LTM4710-1 should operate in forced continuous
mode (FCM) for low-noise applications.
Table 1. LTM4710-1 Single Phase Configuration
RT PIN
CONNECTION
MODE
PIN CONNECTION
MODE OF
OPERATION
SWITCHING
FREQUENCY
VIN
Clock Input
Forced
Continuous
External
Clock
Float/Resistor
to AGND
Clock Output
Forced
Continuous
RT
Programmed
Setting the Operating Frequency
The frequency can be programmed by tying a resistor
from RT to AGND pins (Equation 4).
RT = 1113 • f(SW)–1.64
(4)
where RT is in kΩ and fSW is the desired switching fre-
quency in MHz.
Thefrequencycanbeprogrammedtoswitchfrom1MHzto
5MHz. Table 2 shows the necessary RT value for a desired
switching frequency.
Table 2. SW Frequency vs RFREQ Value
fSW (MHz)
RT (kΩ)
1
1130
1.5
536
2
340
2.2
301
3
196
4
140
5
105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com