Electronic Components Datasheet Search
  English  ▼

X  

LTM4663 Datasheet(PDF) 16 Page - Analog Devices

Part # LTM4663
Description  Low VIN, Quad 8A Silent Switcher μModule Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4663 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTM4663 Datasheet HTML 12Page - Analog Devices LTM4663 Datasheet HTML 13Page - Analog Devices LTM4663 Datasheet HTML 14Page - Analog Devices LTM4663 Datasheet HTML 15Page - Analog Devices LTM4663 Datasheet HTML 16Page - Analog Devices LTM4663 Datasheet HTML 17Page - Analog Devices LTM4663 Datasheet HTML 18Page - Analog Devices LTM4663 Datasheet HTML 19Page - Analog Devices LTM4663 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LTM4710-1
16
Rev. 0
For more information www.analog.com
Figure 7. Derating, 4-Channel
Paralleled VIN = 3.3V, VOUT = 0.5V
DC3164A-B Demo Board
Figure 8. Derating, 4-Channel
Paralleled VIN = 5V, VOUT = 0.5V
DC3164A-B Demo Board
Figure 9. Derating, 4-Channel
Paralleled VIN = 3.3V, VOUT = 0.8V
DC3164A-B Demo Board
Figure 10. Derating, 4-Channel
Paralleled VIN = 5V, VOUT = 0.8V
DC3164A-B Demo Board
Figure 11. Derating, 4-Channel
Paralleled VIN = 3.3V, VOUT = 1V
DC3164A-B Demo Board
Figure 12. Derating, 4-Channel
Paralleled VIN = 5V, VOUT = 1V
DC3164A-B Demo Board
TEMPERATURE (°C)
25 35 45 55 65 75 85 95 105 115 125
0
5
10
15
20
25
30
35
47101 F07
0LFM
200LFM
400LFM
TEMPERATURE (°C)
25 35 45 55 65 75 85 95 105 115 125
0
5
10
15
20
25
30
35
47101 F08
0LFM
200LFM
400LFM
TEMPERATURE (°C)
25 35 45 55 65 75 85 95 105 115 125
0
5
10
15
20
25
30
35
47101 F09
0LFM
200LFM
400LFM
TEMPERATURE (°C)
25 35 45 55 65 75 85 95 105 115 125
0
5
10
15
20
25
30
35
47101 F10
0LFM
200LFM
400LFM
TEMPERATURE (°C)
25 35 45 55 65 75 85 95 105 115 125
0
5
10
15
20
25
30
35
47101 F0x
0LFM
200LFM
400LFM
TEMPERATURE (°C)
25 35 45 55 65 75 85 95 105 115 125
0
5
10
15
20
25
30
35
47101 F12
0LFM
200LFM
400LFM
APPLICATIONS INFORMATION
Figure 13. Derating, 4-Channel
Paralleled VIN = 3.3V, VOUT = 1.2V
DC3164A-B Demo Board
Figure 14. Derating, 4-Channel
Paralleled VIN = 5V, VOUT = 1.2V
DC3164A-B Demo Board
Figure 15. Derating, 4-Channel
Paralleled VIN = 5V, VOUT = 1.5V
DC3164A-B Demo Board
TEMPERATURE (°C)
25 35 45 55 65 75 85 95 105 115 125
0
5
10
15
20
25
30
35
47101 F13
0LFM
200LFM
400LFM
TEMPERATURE (°C)
25 35 45 55 65 75 85 95 105 115 125
0
5
10
15
20
25
30
35
47101 F14
0LFM
200LFM
400LFM
TEMPERATURE (°C)
25 35 45 55 65 75 85 95 105 115 125
0
5
10
15
20
25
30
35
47101 F15
0LFM
200LFM
400LFM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com