Electronic Components Datasheet Search
  English  ▼

X  

LTM8063 Datasheet(PDF) 26 Page - Analog Devices

Part # LTM8063
Description  Triple 3A, Ultralow Noise, High PSRR, Ultrafast μModule Linear Regulator with Configurable Output Array
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8063 Datasheet(HTML) 26 Page - Analog Devices

Back Button LTM8063 Datasheet HTML 18Page - Analog Devices LTM8063 Datasheet HTML 19Page - Analog Devices LTM8063 Datasheet HTML 20Page - Analog Devices LTM8063 Datasheet HTML 21Page - Analog Devices LTM8063 Datasheet HTML 22Page - Analog Devices LTM8063 Datasheet HTML 23Page - Analog Devices LTM8063 Datasheet HTML 24Page - Analog Devices LTM8063 Datasheet HTML 25Page - Analog Devices LTM8063 Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 26 page
background image
LTM4709
26
Rev. 0
For more information www.analog.com
 ANALOG DEVICES, INC. 2023
06/23
www.analog.com
RELATED PARTS
PACKAGE PHOTOS Part marking is either ink mark or laser mark
PART NUMBER DESCRIPTION
COMMENTS
LTM8080
40VIN, Dual 500mA or Single 1A Ultralow Noise,
Ultrahigh PSRR μModule Regulator
3.5V ≤ VIN ≤ 40V, 0V ≤ VOUT ≤ 8V, 9mm × 6.25mm × 3.32mm, BGA Package
LTM4702
16VIN, 8A Silent Switcher μModule Regulator with
Low EMI Emission and RMS Noise
3V ≤ VIN ≤ 16V, 0.3V ≤ VOUT ≤ 5.7V, 6.25mm × 6.25mm × 5.07mm, BGA Package
LTM8074
40VIN, 1.2A Silent Switcher μModule Regulator
3.2V ≤ VIN ≤ 40V, 0.8V ≤ VOUT ≤ 12V, 4mm × 4mm × 1.82mm, BGA Package
LTM8063
40VIN, 2A Silent Switcher μModule Regulator
3.2V ≤ VIN ≤ 40V, 0.8V ≤ VOUT ≤ 15V, 4mm × 6.25mm × 2.22mm, BGA Package
LTM8065
40VIN, 2.5A Silent Switcher μModule Regulator
3.4V ≤ VIN ≤ 40V, 0.97V ≤ VOUT ≤ 18V, 6.25mm × 6.25mm × 2.32mm,
BGA Package
LTM8053
40VIN, 3.5A Silent Switcher μModule Regulator
3.4V ≤ VIN ≤ 40V, 0.97V ≤ VOUT ≤ 15V, 6.25mm × 9mm × 3.32mm, BGA Package
LTM8078
Dual 1.4A, 40VIN, Silent Switcher μModule Regulator 3V ≤ VIN ≤ 40V, 0.8V ≤ VOUT ≤ 10V, 6.25mm × 6.25mm × 2.22mm, BGA Package
LTM8024
Dual 3.5A, 40VIN, Silent Switcher μModule Regulator 3V ≤ VIN ≤ 40V, 0.8V ≤ VOUT ≤ 8V, 9mm × 11.25mm × 3.32mm, BGA Package
LTM8051
Quad 1.2A, 40VIN, Silent Switcher μModule Regulator 3V ≤ VIN ≤ 40V, 0.8V ≤ VOUT ≤ 8V, 6.25mm × 11.25mm × 2.22mm, BGA Package
LTM8060
Quad 3A, 40VIN, Silent Switcher μModule Regulator
≤ VIN ≤ 40V, 0.8V ≤ VOUT ≤ 8V, 11.9mm × 16mm × 3.32mm, BGA Package
DESIGN RESOURCES
SUBJECT
DESCRIPTION
µModule Design and Manufacturing Resources
Design:
• Selector Guides
• Demo Boards and Gerber Files
• Free Simulation Tools
Manufacturing:
• Quick Start Guide
• PCB Design, Assembly and Manufacturing Guidelines
• Package and Board Level Reliability
µModule Regulator Products Search
1. Sort table of products by parameters and download the result as a spread sheet.
2. Search using the Quick Power Search parametric table.
Digital Power System Management
Analog Devices’ family of digital power supply management ICs are highly integrated solutions that
offer essential functions, including power supply monitoring, supervision, margining and sequencing,
and feature EEPROM for storing user configurations and fault logging.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com