Electronic Components Datasheet Search
  English  ▼

X  

AD8107 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8107
Description  260 MHz, 16 횞 5 Buffered Video Crosspoint Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8107 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8107 Datasheet HTML 7Page - Analog Devices AD8107 Datasheet HTML 8Page - Analog Devices AD8107 Datasheet HTML 9Page - Analog Devices AD8107 Datasheet HTML 10Page - Analog Devices AD8107 Datasheet HTML 11Page - Analog Devices AD8107 Datasheet HTML 12Page - Analog Devices AD8107 Datasheet HTML 13Page - Analog Devices AD8107 Datasheet HTML 14Page - Analog Devices AD8107 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD8106/AD8107
Rev. 0 | Page 11 of 28
1.0
0.5
0
–0.5
–1.0
25ns/DIV
FREQUENCY (Hz)
–2
1
0
–1
–3
100k
1M
1G
10M
100M
0.4
0.2
0
–0.2
–0.4
2
3
0.6
GAIN
FLATNESS
–0.6
0.8
200mV p-p
–0.8
4
5
2V p-p
Figure 16. AD8107 Frequency Response
Figure 19. AD8107 Step Response, 100 mV Step
1.0
0.5
–0.5
0
–1.0
25ns/DIV
–20
–30
–90
0.3
1
200
10
100
–40
–50
–60
–70
–80
–100
–110
RL = 1kΩ
ADJACENT
ALL HOSTILE
FREQUENCY (MHz)
Figure 20. AD8107 Step Response, 2 V Step
Figure 17. AD8107 Crosstalk vs. Frequency
2V STEP RTO
RL = 150Ω
10ns/DIV
0
10
20304050
607080
–30
–40
–100
–50
–60
–70
–80
–90
2ND HARMONIC
3RD HARMONIC
100k
1M
10M
100M
FREQUENCY (Hz)
RL = 150Ω
VOUT = 2V p-p
Figure 21. AD8107 Settling Time
Figure 18. AD8107 Distortion vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com