Electronic Components Datasheet Search
  English  ▼

X  

AD8107 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8107
Description  260 MHz, 16 횞 5 Buffered Video Crosspoint Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8107 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8107 Datasheet HTML 8Page - Analog Devices AD8107 Datasheet HTML 9Page - Analog Devices AD8107 Datasheet HTML 10Page - Analog Devices AD8107 Datasheet HTML 11Page - Analog Devices AD8107 Datasheet HTML 12Page - Analog Devices AD8107 Datasheet HTML 13Page - Analog Devices AD8107 Datasheet HTML 14Page - Analog Devices AD8107 Datasheet HTML 15Page - Analog Devices AD8107 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
AD8106/AD8107
Rev. 0 | Page 12 of 28
UPDATE INPUT
TYPICAL VIDEO OUT (RTO)
5
4
3
2
1
0
10
–10
0
SWITCHING BETWEEN
TWO INPUTS
50ns/DIV
FREQUENCY (Hz)
–30
–40
10k
100k
10M
1M
–50
–60
–70
–80
–90
RL = 150Ω
Figure 22. AD8106 PSRR vs. Frequency
Figure 25. AD8106 Switching Transient (Glitch)
100k
1M
500M
10M
100M
–50
–60
–70
–80
–90
–100
–110
–120
–130
FREQUENCY (Hz)
VIN = 2V p-p
RL = 150Ω
100.00
56.30
10
1k
10M
100k
31.60
17.80
10.00
5.630
3.16
100
10k
1M
FREQUENCY (Hz)
Figure 23. AD8106 Voltage Noise vs. Frequency
Figure 26. AD8106 Off Isolation, Input/Output
10k
1k
100
10
1
0.1
100k
1M
500M
10M
100M
FREQUENCY (Hz)
1M
0.1
1
500
10
100k
10k
1k
100
100
FREQUENCY (MHz)
Figure 24. AD8106 Output Impedance, Disabled
Figure 27. AD8106 Output Impedance, Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com