Electronic Components Datasheet Search
  English  ▼

X  

AD8107 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8107
Description  260 MHz, 16 횞 5 Buffered Video Crosspoint Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8107 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8107 Datasheet HTML 13Page - Analog Devices AD8107 Datasheet HTML 14Page - Analog Devices AD8107 Datasheet HTML 15Page - Analog Devices AD8107 Datasheet HTML 16Page - Analog Devices AD8107 Datasheet HTML 17Page - Analog Devices AD8107 Datasheet HTML 18Page - Analog Devices AD8107 Datasheet HTML 19Page - Analog Devices AD8107 Datasheet HTML 20Page - Analog Devices AD8107 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
AD8106/AD8107
Rev. 0 | Page 17 of 28
Figure 46 illustrates this concept for a 32 × 5 crosspoint array.
AD8106
OR
AD8107
16
16
RTERM
RTERM
IN 00–15
AD8106
OR
AD8107
16
16
IN 16–31
5
5
Figure 46. A 32 × 5 Crosspoint Array Using Two AD8106s or Two AD8107s
The inputs are uniquely assigned to each of the 32 inputs of the
two devices and terminated appropriately. The outputs are wire-
OR’ed together in pairs. The output from only one of a wire-OR’ed
pair should be enabled at any given time. The device program-
ming software must be properly written to cause this to happen.
At some point, the number of outputs that are wire-OR’ed becomes
too great to maintain system performance. This varies according
to which system specifications are most important. It also
depends on whether the matrix consists of AD8106s or AD8107s.
The output disabled impedance of the AD8106 is much
higher than that of the AD8107. As a result, its disabled
parasitics have a smaller effect on the one output that is
enabled. For example, a 128 × 5 crosspoint can be created
with eight AD8106s/AD8107s. This design has 128 separate
inputs and the corresponding outputs of each device wire-
OR’ed together in groups of eight.
Using additional crosspoint devices in the design can lower the
number of outputs that must be wire-OR’ed together. Figure 47
shows a block diagram of a system using eight AD8106s and
two AD8107s to create a nonblocking, gain-of-two, 128 × 5
crosspoint that restricts the wire-OR’ing at the output to only
four outputs.
Additionally, by using the lower four outputs from each of the
two Rank 2 AD8107s, a blocking 128 × 10 crosspoint array can
be realized. There are, however, some drawbacks to this technique.
The offset voltages of the various cascaded devices accumulate
and the bandwidth limitations of the devices compound. The
extra devices also consume more current and take up more
board space. Once again, the overall system design specifica-
tions determine which tradeoffs should be made.
5
5
5
5
RANK 2
16:8 NONBLOCKING
(16:16 BLOCKING)
RANK 1
(8 × AD8106)
128:16
5
5
5
5
AD8107
AD8107
AD8106
AD8106
AD8106
AD8106
AD8106
AD8106
AD8106
AD8106
OUT 00–04
NONBLOCKING
ADDITIONAL
5 OUTPUTS
(SUBJECT TO
BLOCKING)
1kΩ
1kΩ
1kΩ
1kΩ
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
16
IN 00–15
RTERM
16
IN 16–31
RTERM
16
IN 32–47
RTERM
16
IN 48–63
RTERM
16
IN 64–79
RTERM
16
IN 80–95
RTERM
16
IN 96–111
RTERM
16
IN 112–127
RTERM
Figure 47. A Gain-of-Two 128 × 5 Nonblocking Crosspoint Array (128 × 10 Blocking)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com