Electronic Components Datasheet Search
  English  ▼

X  

AD9481 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9481
Description  8-Bit, 250 MSPS 3.3 V A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9481 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9481 Datasheet HTML 2Page - Analog Devices AD9481 Datasheet HTML 3Page - Analog Devices AD9481 Datasheet HTML 4Page - Analog Devices AD9481 Datasheet HTML 5Page - Analog Devices AD9481 Datasheet HTML 6Page - Analog Devices AD9481 Datasheet HTML 7Page - Analog Devices AD9481 Datasheet HTML 8Page - Analog Devices AD9481 Datasheet HTML 9Page - Analog Devices AD9481 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD9481
Rev. 0 | Page 6 of 28
SWITCHING SPECIFICATIONS
AVDD = 3.3 V, DRVDD = 3.3 V; differential encode input, duty cycle stabilizer enabled, unless otherwise noted.
Table 4.
AD9481-250
Parameter
Temp
Test Level
Min
Typ
Max
Unit
CLOCK
Maximum Conversion Rate
Full
VI
250
MSPS
Minimum Conversion Rate
Full
IV
20
MSPS
Clock Pulse-Width High (tEH)
Full
IV
1.2
2
ns
Clock Pulse-Width Low (tEL)
Full
IV
1.2
2
ns
DS Input Setup Time (tSDS)
Full
IV
0.5
ns
DS Input Hold Time (tHDS)
Full
IV
0.5
ns
OUTPUT PARAMETERS1
Valid Time (tV)2
Full
VI
2.5
ns
Propagation Delay (tPD)
Full
VI
4
5.4
ns
Rise Time (tR) 10% to 90%
Full
V
670
ps
Fall Time (tF) 10% to 90%
Full
V
360
ps
DCO Propagation Delay (tCPD) 3
Full
VI
2.5
3.9
5.3
ns
Data-to-DCO Skew (tPD − tCPD)4
Full
VI
−0.5
+0.5
ns
A Port Data to DCO− Rising (tSKA)5
Full
IV
4
ns
B Port Data to DCO+ Rising (tSKB)
Full
IV
4
ns
Pipeline Latency (A, B)
Full
IV
8
Cycles
APERTURE
Aperture Delay (tA)
25°C
V
1.5
ns
Aperture Uncertainty (Jitter)
25°C
V
0.25
ps rms
OUT-OF-RANGE RECOVERY TIME
25°C
V
1
Cycle
1 CLOAD equals 5 pF maximum for all output switching specifications.
2 Valid time is approximately equal to minimum tPD.
3 TCPD equals clock rising edge to DCO (+ or −) rising edge delay.
4 Data changing to (DCO+ or DCO−) rising edge delay.
5 TSKA, TSKB are both clock rate dependent delays equal to TCYCLE − (Data to DCO skew).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com