Electronic Components Datasheet Search
  English  ▼

X  

AD9481 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9481
Description  8-Bit, 250 MSPS 3.3 V A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9481 Datasheet(HTML) 1 Page - Analog Devices

  AD9481 Datasheet HTML 1Page - Analog Devices AD9481 Datasheet HTML 2Page - Analog Devices AD9481 Datasheet HTML 3Page - Analog Devices AD9481 Datasheet HTML 4Page - Analog Devices AD9481 Datasheet HTML 5Page - Analog Devices AD9481 Datasheet HTML 6Page - Analog Devices AD9481 Datasheet HTML 7Page - Analog Devices AD9481 Datasheet HTML 8Page - Analog Devices AD9481 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
8-Bit, 250 MSPS
3.3 V A/D Converter
AD9481
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
DNL = ±0.35 LSB
INL = ±0.26 LSB
Single 3.3 V supply operation (3.0 V to 3.6 V)
Power dissipation of 439 mW at 250 MSPS
1 V p-p analog input range
Internal 1.0 V reference
Single-ended or differential analog inputs
De-multiplexed CMOS outputs
Power-down mode
Clock duty cycle stabilizer
APPLICATIONS
Digital oscilloscopes
Instrumentation and measurement
Communications
Point-to-point radios
Digital predistortion loops
FUNCTIONAL BLOCK DIAGRAM
D7A TO D0A
VIN+
VIN–
CLK+
CLK–
VREF SENSE
DCO+
DCO–
AGND DRGND
DRVDD
AVDD
AD9481
PDWN
S1
CLOCK
MGMT
T AND H
8-BIT
ADC
PIPELINE
CORE
LOGIC
REFERENCE
PORT
A
8
PORT
B
8
8
DS+
DS–
D7B TO D0B
Figure 1.
GENERAL DESCRIPTION
The AD9481 is an 8-bit, monolithic analog-to-digital converter
(ADC) optimized for high speed and low power consumption.
Small in size and easy to use, the product operates at a
250 MSPS conversion rate, with excellent linearity and dynamic
performance over its full operating range.
To minimize system cost and power dissipation, the AD9481
includes an internal reference and track-and-hold circuit. The
user only provides a 3.3 V power supply and a differential
encode clock. No external reference or driver components are
required for many applications.
The digital outputs are TTL/CMOS-compatible with an option
of twos complement or binary output format. The output data
bits are provided in an interleaved fashion along with output
clocks that simplifies data capture.
The AD9481 is available in a Pb-free, 44-lead, surface-mount
package (TQFP-44) specified over the industrial temperature
range (−40°C to +85°C).
PRODUCT HIGHLIGHTS
1. Superior linearity. A DNL of ±0.35 makes the AD9481
suitable for many instrumentation and measurement
applications
2. Power-down mode. A power-down function may be exercised
to bring total consumption down to 15 mW.
3. De-multiplexed CMOS outputs allow for easy interfacing
with low cost FPGAs and standard logic.


Similar Part No. - AD9481

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9481 AD-AD9481 Datasheet
724Kb / 29P
3.3 V A/D Converter
Rev. 0
AD9481-PCB AD-AD9481-PCB Datasheet
902Kb / 28P
High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9481-PCB AD-AD9481-PCB Datasheet
724Kb / 29P
3.3 V A/D Converter
Rev. 0
AD9481BSUZ-250 AD-AD9481BSUZ-250 Datasheet
724Kb / 29P
3.3 V A/D Converter
Rev. 0
AD9481 AD-AD9481_17 Datasheet
724Kb / 29P
3.3 V A/D Converter
Rev. 0
More results

Similar Description - AD9481

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1166K SONY-CXA1166K Datasheet
651Kb / 28P
8-bit 250 MSPS Flash A/D Converter
logo
Fairchild Semiconductor
SPT7722 FAIRCHILD-SPT7722 Datasheet
217Kb / 12P
8-bit, 250 MSPS A/D Converter with Demuxed Outputs
logo
Intersil Corporation
HI1166 INTERSIL-HI1166 Datasheet
125Kb / 12P
8-Bit, 250 MSPS, Flash A/D Converter
September 1998
HI1166Y INTERSIL-HI1166Y Datasheet
585Kb / 8P
8-Bit 250 MSPS Flash A/D Converter
April 1995
logo
Analog Devices
AD9480 AD-AD9480 Datasheet
1Mb / 28P
8-Bit, 250 MSPS 3.3 V A/D Converter
7/04-Revision 0
AD9411 AD-AD9411 Datasheet
968Kb / 28P
10-Bit, 170/200 MSPS 3.3 V A/D Converter
7/04-Data Sheet Changed from Rev. 0 to Rev. A
logo
Intersil Corporation
HI1166 INTERSIL-HI1166_00 Datasheet
762Kb / 11P
8-Bit, 250 MSPS, Flash A/D Converter
August 2000
logo
Analog Devices
AD9411 AD-AD9411_15 Datasheet
1Mb / 28P
10-Bit, 170/200 MSPS 3.3 V A/D Converter
REV. B
AD9480 AD-AD9480_15 Datasheet
851Kb / 28P
8-Bit, 250 MSPS 3.3 V A/D Converter
REV. A
AD9480 AD-AD9480_17 Datasheet
640Kb / 29P
8-Bit, 250 MSPS 3.3 V A/D Converter
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com