Electronic Components Datasheet Search
  English  ▼

X  

AD9481 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9481
Description  8-Bit, 250 MSPS 3.3 V A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9481 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9481 Datasheet HTML 19Page - Analog Devices AD9481 Datasheet HTML 20Page - Analog Devices AD9481 Datasheet HTML 21Page - Analog Devices AD9481 Datasheet HTML 22Page - Analog Devices AD9481 Datasheet HTML 23Page - Analog Devices AD9481 Datasheet HTML 24Page - Analog Devices AD9481 Datasheet HTML 25Page - Analog Devices AD9481 Datasheet HTML 26Page - Analog Devices AD9481 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
AD9481
Rev. 0 | Page 23 of 28
EVALUATION BOARD BILL OF MATERIALS (BOM)
Table 12.
No.
Quantity
Reference Designator
Device
Package
Value
1
24
C1 to C6, C10 to C12, C14 to C15,
C17 to C19, C22 to C29, C31, C48 to C49
Capacitors
0402
0.1 µF
2
1
C13
Capacitor
Tantalum (3528)
10 µF
3
5
C32 to C36
Capacitors
Tantalum (6032)
10 µF
4
4
J1 to J4
SMA
SMA
Degrees
5
3
P1, P12 to P13
4-pin power connectors
Post
Z5.531.3425.0
6
3
P1, P12 to P13
4-pin power connectors
Detachable connector
25.602.5453.0
7
2
P3, P23
80-pin connectors
Connector
TSW-140-08-L-D-RA
8
7
R1, R5, R19, R22, R27, R35, R53
Resistors
0603
50 Ω
9
8
R2 to R4, R6 to R9, R18, R14
Resistors
0603
100 Ω
10
7
R13, R42 to R45, R32, R34
Resistors
0603
1 kΩ
11
2
R16, R52
Resistors
0603
130 Ω
12
2
R23, R24
Resistors
0603
510 Ω
13
2
R25, R26
Resistors
0603
82 Ω
14
2
R29, R31
Resistors
0603
00 Ω
15
2
R33, R37
Resistors
0603
10 kΩ
16
1
R46
Resistor
0603
2 kΩ
17
3
R12, R17, R36
Resistors
0603
25 Ω
18
1
R15
Resistor
0603
1.2 kΩ
19
3
R54, R10 to R11
Resistors
0603
10 Ω
20
2
RP1 to RP2
Resistor Pack
100 Ω Res. Array
742C163100JTR
21
4
U3, U5 to U6, U8
Resistor Pack 100 Ω
100 Ω Res. Array
EXB-38V101JV
22
2
U4, U7
74LVT574
SO20
74LVT574WM
23
1
T1
Transformer
CD542
ADT1-1WT
24
1
U1
AD8351
MSOP-10
Op Amp
25
1
U2
74VCX86
SO-14
XOR
26
1
U101
ADR510
SOT-23
Voltage Regulator
27
1
U91
VCC6PECL6
VCC6-QAB-250M000
Vectron Crystal
28
1
U12
AD9481
TQFP-44
ADC
29
1
U11
MC100-LVEL16D
S08NB
Clock Buffer
30
1
T21
ETC1-1-13
1-1 TX
M/A-COM/ETC 1-1-13
31
11
C1, C7 to C9, C16, C20, C30, C31, C38 to C40
Capacitors
0402
X1
32
18
R20 to R21, R28, R30, R38 to R41,
R48 to R51, R55 to R60
Resistors
0603
X1
33
16
E98 to E102, E73 to E84
Jumpers
1 Not placed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com