Electronic Components Datasheet Search
  English  ▼

X  

AD9514 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9514
Description  1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Three Outputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9514 Datasheet(HTML) 1 Page - Analog Devices

  AD9514 Datasheet HTML 1Page - Analog Devices AD9514 Datasheet HTML 2Page - Analog Devices AD9514 Datasheet HTML 3Page - Analog Devices AD9514 Datasheet HTML 4Page - Analog Devices AD9514 Datasheet HTML 5Page - Analog Devices AD9514 Datasheet HTML 6Page - Analog Devices AD9514 Datasheet HTML 7Page - Analog Devices AD9514 Datasheet HTML 8Page - Analog Devices AD9514 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1.6 GHz Clock Distribution IC,
Dividers, Delay Adjust, Three Outputs
AD9514
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
1.6 GHz differential clock input
3 programmable dividers
Divide-by in range from1 to 32
Phase select for coarse delay adjust
2 independent 1.6 GHz LVPECL clock outputs
Additive broadband output jitter 225 fs rms
1 independent 800 MHz/250 MHz LVDS/CMOS clock output
Additive broadband output jitter 300 fs rms/290 fs rms
Time delays up to 10 ns
Device configured with 4-level logic pins
Space-saving, 32-lead LFCSP
APPLICATIONS
Low jitter, low phase noise clock distribution
Clocking high speed ADCs, DACs, DDSs, DDCs, DUCs, MxFEs
High performance wireless transceivers
High performance instrumentation
Broadband infrastructure
ATE
FUNCTIONAL BLOCK DIAGRAM
VREF
S10
S9
S8
S7
S6
S5
S4
S3
S2
S1
S0
SETUP LOGIC
OUT0
CLK
CLKB
SYNCB
RSET
VS
GND
OUT0B
OUT1
OUT1B
OUT2
OUT2B
AD9514
/1. . . /32
/1. . . /32
/1. . . /32
Δt
LVPECL
LVPECL
LVDS/CMOS
Figure 1.
GENERAL DESCRIPTION
The AD9514 features a multi-output clock distribution IC in a
design that emphasizes low jitter and phase noise to maximize
data converter performance. Other applications with demanding
phase noise and jitter requirements also benefit from this part.
There are three independent clock outputs. Two of the outputs
are LVPECL, and the third output can be set to either LVDS or
CMOS levels. The LVPECL outputs operate to 1.6 GHz, and the
third output operates to 800 MHz in LVDS mode and to
250 MHz in CMOS mode.
Each output has a programmable divider that can be set to
divide by a selected set of integers ranging from 1 to 32. The
phase of one clock output relative to another clock output can
be set by means of a divider phase select function that serves as
a coarse timing adjustment.
The LVDS/CMOS output features a delay element with three
selectable full-scale delay values (1.5 ns, 5 ns, and 10 ns), each
with 16 steps of fine adjustment.
The AD9514 does not require an external controller for
operation or setup. The device is programmed by means of
11 pins (S0 to S10) using 4-level logic. The programming pins
are internally biased to ⅓ VS. The VREF pin provides a level of
⅔ VS. VS (3.3 V) and GND (0 V) provide the other two logic levels.
The AD9514 is ideally suited for data converter clocking
applications where maximum converter performance is
achieved by encode signals with subpicosecond jitter.
The AD9514 is available in a 32-lead LFCSP and operates from
a single 3.3 V supply. The temperature range is −40°C to +85°C.


Similar Part No. - AD9514

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9514 AD-AD9514_15 Datasheet
634Kb / 28P
1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Three Outputs
REV. 0
More results

Similar Description - AD9514

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9513 AD-AD9513 Datasheet
609Kb / 28P
800 MHz Clock Distribution IC, Dividers, Delay Adjust, Three Outputs
9/05-Revision 0
AD9515 AD-AD9515 Datasheet
656Kb / 28P
1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Two Outputs
7/05-Revision 0
AD9512BCPZ AD-AD9512BCPZ Datasheet
967Kb / 48P
1.2 GHz Clock Distribution IC, 1.6 GHz Inputs, Dividers, Delay Adjust, Five Outputs
REV. A
AD9510 AD-AD9510_15 Datasheet
886Kb / 56P
1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Eight Outputs
REV. B
AD9511 AD-AD9511_15 Datasheet
1Mb / 60P
1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Five Outputs
REV. A
AD9513 AD-AD9513_15 Datasheet
610Kb / 28P
800 MHz Clock Distribution IC, Dividers, Delay Adjust, Three Outputs
REV. 0
AD9514 AD-AD9514_15 Datasheet
634Kb / 28P
1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Three Outputs
REV. 0
AD9515 AD-AD9515_15 Datasheet
469Kb / 28P
1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Two Outputs
REV. A
AD9510 AD-AD9510_16 Datasheet
1Mb / 56P
1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Eight Outputs
9/2016-Rev. B to Rev. C
AD9515 AD-AD9515_V01 Datasheet
407Kb / 28P
1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Two Outputs
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com