Electronic Components Datasheet Search
  English  ▼

X  

AD9514 Datasheet(PDF) 22 Page - Analog Devices

Part # AD9514
Description  1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Three Outputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9514 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9514 Datasheet HTML 18Page - Analog Devices AD9514 Datasheet HTML 19Page - Analog Devices AD9514 Datasheet HTML 20Page - Analog Devices AD9514 Datasheet HTML 21Page - Analog Devices AD9514 Datasheet HTML 22Page - Analog Devices AD9514 Datasheet HTML 23Page - Analog Devices AD9514 Datasheet HTML 24Page - Analog Devices AD9514 Datasheet HTML 25Page - Analog Devices AD9514 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
AD9514
Rev. 0 | Page 22 of 28
5
DIVIDER PHASE OFFSET
The phase of OUT1 or OUT2 can be selected, depending on the
divide ratio and output configuration chosen. This allows, for
example, the relative phase of OUT0 and OUT1 to be set.
After a SYNC operation (see the Synchronization section), the
phase offset word of each divider determines the number of
input clock (CLK) cycles to wait before initiating a clock output
edge. By giving each divider a different phase offset, output-to-
output delays can be set in increments of the fast clock period, tCLK.
Figure 29 shows four cases, each with the divider set to divide = 4.
By incrementing the phase offset from 0 to 3, the output is
offset from the initial edge by a multiple of tCLK.
01
4
123
5
9
6
7
8
10
14
11
12
13
tCLK
CLOCK INPUT
CLK
DIVIDER OUTPUT
DIV = 4
PHASE = 0
PHASE = 1
PHASE = 2
PHASE = 3
tCLK
2× tCLK
3× tCLK
Figure 29. Phase Offset—Divider Set for Divide = 4, Phase Set from 0 to 2
For example:
CLK = 491.52 MHz
tCLK = 1/491.52 = 2.0345 ns
For Divide = 4:
Phase Offset 0 = 0 ns
Phase Offset 1 = 2.0345 ns
Phase Offset 2 = 4.069 ns
Phase Offset 3 = 6.104 ns
The outputs can also be described as:
Phase Offset 0 = 0°
Phase Offset 1 = 90°
Phase Offset 2 = 180°
Phase Offset 3 = 270°
Setting the phase offset to Phase = 4 results in the same relative
phase as Phase = 0° or 360°.
The resolution of the phase offset is set by the fast clock period
(tCLK) at CLK. The maximum unique phase offset is less than the
divide ratio, up to a phase offset of 15.
Phase offsets can be related to degrees by calculating the phase
step for a particular divide ratio:
Phase Step = 360°/Divide Ratio
Using some of the same examples:
Divide = 4
Phase Step = 360°/4 = 90°
Unique Phase Offsets in Degrees Are Phase = 0°, 90°,
180°, 270°
Divide = 9
Phase Step = 360°/9 = 40°
Unique Phase Offsets in Degrees Are Phase = 0°, 40°, 80°,
120°, 160°, 200°, 240°, 280°, 320°
DELAY BLOCK
OUT2 includes an analog delay element that gives variable time
delays (ΔT) in the clock signal passing through that output.
÷N
∅SELECT
LVDS
CMOS
ΔT
OUTPUT
DRIVER
FINE DELAY ADJUST
(16 STEPS)
FULL SCALE : 1.5ns, 5ns, 10ns
CLOCK INPUT
OUT2 ONLY
Figure 30. Analog Delay Block
The amount of delay that can be used is determined by the
output frequency. The amount of delay is limited to less than
one-half cycle of the clock period. For example, for a 10 MHz
clock, the delay can extend to the full 10 ns maximum.
However, for a 100 MHz clock, the maximum delay is less than
5 ns (or half of the period).
The AD9514 allows for the selection of three full-scale delays,
1.5 ns, 5 ns, and 10 ns, set by delay full scale (see Table 10). Each
of these full-scale delays can be scaled by 16 fine adjustment
values, which are set by the delay word (see Table 12).
The delay block adds some jitter to the output. This means that
the delay function should be used primarily for clocking digital
chips, such as FPGA, ASIC, DUC, and DDC, rather than for
supplying a sample clock for data converters. The jitter is higher
for longer full scales because the delay block uses a ramp and
trip points to create the variable delay. A longer ramp means
more noise has a chance of being introduced.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com