Electronic Components Datasheet Search
  English  ▼

X  

AD9514 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9514
Description  1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Three Outputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9514 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9514 Datasheet HTML 19Page - Analog Devices AD9514 Datasheet HTML 20Page - Analog Devices AD9514 Datasheet HTML 21Page - Analog Devices AD9514 Datasheet HTML 22Page - Analog Devices AD9514 Datasheet HTML 23Page - Analog Devices AD9514 Datasheet HTML 24Page - Analog Devices AD9514 Datasheet HTML 25Page - Analog Devices AD9514 Datasheet HTML 26Page - Analog Devices AD9514 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
AD9514
Rev. 0 | Page 23 of 28
When the delay block is OFF (bypassed), it is also powered
down.
OUTPUTS
The AD9514 offers three different output level choices:
LVPECL, LVDS, and CMOS. OUT0/OUT0B and OUT1/
OUT1B are LVPECL differential outputs. There are three
amounts of LVPECL differential voltage swing (VOD) that can be
selected (410 mV, 790 mV, and 960 mV) within the choices
available in Table 11.
OUT2/OUT2B can be selected as either an LVDS differential
output or a pair of CMOS single-ended outputs. If selected as
CMOS, OUT2 is a noninverted, single-ended output, and
OUT2B is an inverted, single-ended output.
GND
3.3V
OUTB
OUT
Figure 31. LVPECL Output Simplified Equivalent Circuit
OUTB
OUT
3.5mA
3.5mA
Figure 32. LVDS Output Simplified Equivalent Circuit
OUT2/
OUT2B
VS
Figure 33. CMOS Equivalent Output Circuit
POWER SUPPLY
The AD9514 requires a 3.3 V ± 5% power supply for VS. The
tables in the Specifications section give the performance
expected from the AD9514 with the power supply voltage
within this range. In no case should the absolute maximum
range of −0.3 V to +3.6 V, with respect to GND, be exceeded
on Pin VS.
Good engineering practice should be followed in the layout of
power supply traces and the ground plane of the PCB. The
power supply should be bypassed on the PCB with adequate
capacitance (>10 μF). The AD9514 should be bypassed with
adequate capacitors (0.1 μF) at all power pins as close as
possible to the part. The layout of the AD9514 evaluation board
(AD9514/PCB) is a good example.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com