Electronic Components Datasheet Search
  English  ▼

X  

AD9514 Datasheet(PDF) 26 Page - Analog Devices

Part # AD9514
Description  1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Three Outputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9514 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9514 Datasheet HTML 20Page - Analog Devices AD9514 Datasheet HTML 21Page - Analog Devices AD9514 Datasheet HTML 22Page - Analog Devices AD9514 Datasheet HTML 23Page - Analog Devices AD9514 Datasheet HTML 24Page - Analog Devices AD9514 Datasheet HTML 25Page - Analog Devices AD9514 Datasheet HTML 26Page - Analog Devices AD9514 Datasheet HTML 27Page - Analog Devices AD9514 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
AD9514
Rev. 0 | Page 26 of 28
LVDS CLOCK DISTRIBUTION
Termination at the far end of the PCB trace is a second option.
The CMOS outputs of the AD9514 do not supply enough
current to provide a full voltage swing with a low impedance
resistive, far-end termination, as shown in Figure 40. The
far-end termination network should match the PCB trace
impedance and provide the desired switching point. The
reduced signal swing may still meet receiver input requirements
in some applications. This can be useful when driving long
trace lengths on less critical nets.
The AD9514 provides one clock output (OUT2) that is
selectable as either CMOS or LVDS levels. Low voltage
differential signaling (LVDS) is a differential output option for
OUT2. LVDS uses a current mode output stage. The current is
3.5 mA, which yields 350 mV output swing across a 100 Ω
resistor. The LVDS output meets or exceeds all ANSI/TIA/EIA-
644 specifications.
A recommended termination circuit for the LVDS outputs is
shown in Figure 38.
50
Ω
10
Ω
OUT2/OUT2B
SELECTED AS CMOS
VS
CMOS
3pF
100
Ω
100
Ω
VS
LVDS
100
Ω
DIFFERENTIAL (COUPLED)
VS
LVDS
100
Ω
Figure 40. CMOS Output with Far-End Termination
Because of the limitations of single-ended CMOS clocking,
consider using differential outputs when driving high speed
signals over long traces. The AD9514 offers both LVPECL and
LVDS outputs that are better suited for driving long traces
where the inherent noise immunity of differential signaling
provides superior performance for clocking converters.
Figure 38. LVDS Output Termination
See Application Note AN-586 at www.analog.com for more
information on LVDS.
CMOS CLOCK DISTRIBUTION
SETUP PINS (S0 TO S10)
The AD9514 provides one output (OUT2) that is selectable as
either CMOS or LVDS levels. When selected as CMOS, this
output provides for driving devices requiring CMOS level logic
at their clock inputs.
The setup pins that require a logic level of ⅓ VS (internal self-
bias) should be tied together and bypassed to ground via a
capacitor.
Whenever single-ended CMOS clocking is used, some of the
following general guidelines should be used.
The setup pins that require a logic level of ⅔ VS should be tied
together, along with the VREF pin, and bypassed to ground via
a capacitor.
Point-to-point nets should be designed such that a driver has
only one receiver on the net, if possible. This allows for simple
termination schemes and minimizes ringing due to possible
mismatched impedances on the net. Series termination at the
source is generally required to provide transmission line
matching and/or to reduce current transients at the driver. The
value of the resistor is dependent on the board design and
timing requirements (typically 10 Ω to 100 Ω is used). CMOS
outputs are also limited in terms of the capacitive load or trace
length that they can drive. Typically, trace lengths less than
3 inches are recommended to preserve signal rise/fall times and
preserve signal integrity.
POWER AND GROUNDING CONSIDERATIONS AND
POWER SUPPLY REJECTION
Many applications seek high speed and performance under less
than ideal operating conditions. In these application circuits,
the implementation and construction of the PCB is as important
as the circuit design. Proper RF techniques must be used for
device selection, placement, and routing, as well as power
supply bypassing and grounding to ensure optimum
performance.
10
Ω
MICROSTRIP
GND
5pF
60.4
Ω
1.0 INCH
CMOS
Figure 39. Series Termination of CMOS Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com