Electronic Components Datasheet Search
  English  ▼

X  

89C52 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 89C52
Description  80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

89C52 Datasheet(HTML) 3 Page - NXP Semiconductors

  89C52 Datasheet HTML 1Page - NXP Semiconductors 89C52 Datasheet HTML 2Page - NXP Semiconductors 89C52 Datasheet HTML 3Page - NXP Semiconductors 89C52 Datasheet HTML 4Page - NXP Semiconductors 89C52 Datasheet HTML 5Page - NXP Semiconductors 89C52 Datasheet HTML 6Page - NXP Semiconductors 89C52 Datasheet HTML 7Page - NXP Semiconductors 89C52 Datasheet HTML 8Page - NXP Semiconductors 89C52 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
Philips Semiconductors
Product data
89C51/89C52/89C54/89C58
80C51 8-bit microcontroller family
4K/8K/16K/32K Flash
2002 Jan 15
3
FEATURES
• 80C51 Central Processing Unit
• On-chip FLASH Program Memory
• Speed up to 33 MHz
• Fully static operation
• RAM expandable externally up to 64 kbytes
• 4 interrupt priority levels
• 6 interrupt sources
• Four 8-bit I/O ports
• Full-duplex enhanced UART
– Framing error detection
– Automatic address recognition
• Three 16-bit timers/counters T0, T1 (standard 80C51) and
additional T2 (capture and compare)
• Power control modes
– Clock can be stopped and resumed
– Idle mode
– Power down mode
• Programmable clock out
• Second DPTR register
• Asynchronous port reset
• Low EMI (inhibit ALE)
• Wake up from power down by an external interrupt
ORDERING INFORMATION
Type number
Package
Temperature
°
Voltage
Frequency
4K Flash
version
8K Flash
version
16K Flash
version
32K Flash
version
Name
Description
Version
Range3 (
°C)
Range (V)
(MHz)
P89C51BA
P89C52BA
P89C54BA
P89C58BA
PLCC44
plastic leaded chip
carrier; 44 leads
SOT187-2
0 to +70
5
0 to 33
P89C51BP1
P89C51BN2
P89C52BP1
P89C52BN2
P89C54BP1
P89C54BN2
P89C58BP1
P89C58BN2
DIP40
plastic dual in-line
package; 40 leads
SOT129-1
0 to +70
5
0 to 33
P89C51BBD
P89C52BBD
P89C54BBD
P89C58BBD
LQFP44
plastic low profile quad
flat package; 44 leads;
body 10 x 10 x 1.4 mm
SOT389-1
0 to +70
5
0 to 33
NOTES:
1. Philips (except North America) Part Order Number
2. Philips North America Part Order Number. Note that parts will be marked “P89C5xBP”, respectively (x = 1, 2, 4, 8)
3. Industrial temperatures will be released with P89C5xX2 devices (see separate data sheet)
PART NUMBER DERIVATION
Device number (P89C5x)
Temperature range
Package
P89C51
P89C52
P89C54
P89C58
B = 0
_C to 70 _C
BD = LQFP
A = PLCC
P = PDIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com