Electronic Components Datasheet Search
  English  ▼

X  

P4532VG Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # P4532VG
Description  N- & P-Channel Enhancement Mode Field Effect Transistor(Preliminary)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

P4532VG Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  P4532VG Datasheet HTML 1Page - List of Unclassifed Manufacturers P4532VG Datasheet HTML 2Page - List of Unclassifed Manufacturers P4532VG Datasheet HTML 3Page - List of Unclassifed Manufacturers P4532VG Datasheet HTML 4Page - List of Unclassifed Manufacturers P4532VG Datasheet HTML 5Page - List of Unclassifed Manufacturers P4532VG Datasheet HTML 6Page - List of Unclassifed Manufacturers P4532VG Datasheet HTML 7Page - List of Unclassifed Manufacturers P4532VG Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
JUL-26-2004
N- & P-Channel Enhancement Mode
Field Effect Transistor(Preliminary)
P4532VG
SOP-8
Lead-Free
NIKO-SEM
VDS = 0V, VGS = ±20V
Gate-Body Leakage
IGSS
VDS = 0V, VGS = ±20V
N-Ch
P-Ch
±100
±100
nA
VDS = 24V, VGS = 0V
VDS = -24V, VGS = 0V
N-Ch
P-Ch
1
-1
VDS = 20V, VGS = 0V, TJ = 55 °C
Zero Gate Voltage Drain Current
IDSS
VDS = -20V, VGS = 0V, TJ = 55 °C
N-Ch
P-Ch
10
-10
µA
VDS = 5V, VGS = 10V
On-State Drain Current
1
ID(ON)
VDS =-5V, VGS = -10V
N-Ch
P-Ch
12
-20
A
VGS = 4.5V, ID = 3A
VGS = -4.5V, ID = -4A
N-Ch
P-Ch
72
58
95
80
VGS = 10V, ID = 4A
Drain-Source
On-State
Resistance
1
RDS(ON)
VGS = -10V, ID = -5A
N-Ch
P-Ch
48
34
60
45
mΩ
VDS = 5V, ID = 3A
Forward Transconductance
1
gfs
VDS = -5V, ID = -5A
N-Ch
P-Ch
19
11
S
DYNAMIC
Input Capacitance
Ciss
N-Ch
P-Ch
790
690
Output Capacitance
Coss
N-Ch
P-Ch
175
310
Reverse Transfer Capacitance
Crss
N-Channel
VGS = 0V, VDS = 10V, f = 1MHz
P-Channel
VGS = 0V, VDS = -10V, f = 1MHz N-Ch
P-Ch
65
75
pF
Total Gate Charge
2
Qg
N-Ch
P-Ch
5
14
Gate-Source Charge
2
Qgs
N-Ch
P-Ch
0.8
2.2
Gate-Drain Charge
2
Qgd
N-Channel
VDS = 0.5V(BR)DSS, VGS = 10V,
ID = 3A
P-Channel
VDS = 0.5V(BR)DSS, VGS = -10V,
ID = -5A
N-Ch
P-Ch
1.0
1.9
nC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com