Electronic Components Datasheet Search
  English  ▼

X  

P4532VG Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # P4532VG
Description  N- & P-Channel Enhancement Mode Field Effect Transistor(Preliminary)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

P4532VG Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  P4532VG Datasheet HTML 1Page - List of Unclassifed Manufacturers P4532VG Datasheet HTML 2Page - List of Unclassifed Manufacturers P4532VG Datasheet HTML 3Page - List of Unclassifed Manufacturers P4532VG Datasheet HTML 4Page - List of Unclassifed Manufacturers P4532VG Datasheet HTML 5Page - List of Unclassifed Manufacturers P4532VG Datasheet HTML 6Page - List of Unclassifed Manufacturers P4532VG Datasheet HTML 7Page - List of Unclassifed Manufacturers P4532VG Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
JUL-26-2004
N- & P-Channel Enhancement Mode
Field Effect Transistor(Preliminary)
P4532VG
SOP-8
Lead-Free
NIKO-SEM
Turn-On Delay Time
2
td(on)
N-Ch
P-Ch
7
6.7
11
13.4
Rise Time
2
tr
N-Ch
P-Ch
12
9.7
18
19.4
Turn-Off Delay Time
2
td(off)
N-Ch
P-Ch
12
19.8
18
35.6
Fall Time
2
tf
N-Channel
VDD = 10V
ID ≅ 1A, VGS = 10V, RGEN = 6Ω
P-Channel
VDD = -10V
ID ≅ -1A, VGS = -10V, RGEN = 6Ω
N-Ch
P-Ch
7
12.3
11
22.2
nS
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TC = 25 °C)
Continuous Current
IS
N-Ch
P-Ch
1.2
-1.3
Pulsed Current
3
ISM
N-Ch
P-Ch
2.6
-2.6
A
IF = 1A, VGS = 0V
Forward Voltage
1
VSD
IF = -1A, VGS = 0V
N-Ch
P-Ch
1
-1
V
1Pulse test : Pulse Width ≤ 300 µsec, Duty Cycle ≤ 2%.
2Independent of operating temperature.
3Pulse width limited by maximum junction temperature.
REMARK: THE PRODUCT MARKED WITH “P4532VG”, DATE CODE or LOT #
Orders for parts with Lead-Free plating can be placed using the PXXXXXG parts name.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com